Electronic Components Datasheet Search
  English  ▼

X  

TLE6255G Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE6255G
Description  Single Wire CAN-Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6255G Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE6255G Datasheet HTML 10Page - Infineon Technologies AG TLE6255G Datasheet HTML 11Page - Infineon Technologies AG TLE6255G Datasheet HTML 12Page - Infineon Technologies AG TLE6255G Datasheet HTML 13Page - Infineon Technologies AG TLE6255G Datasheet HTML 14Page - Infineon Technologies AG TLE6255G Datasheet HTML 15Page - Infineon Technologies AG TLE6255G Datasheet HTML 16Page - Infineon Technologies AG TLE6255G Datasheet HTML 17Page - Infineon Technologies AG TLE6255G Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
TLE 6255 G
Data Sheet Rev. 2.5
14
2003-11-27
CANH as Bus Output / Transmitter
Offset wakeup output
high voltage
V
OHWUO Vbatt –
1.5
–
V
batt
V220
Ω < RUL <9.1 kΩ;
TxD = L; M0 = L;
6V <
V
batt <VOHWUF
Fixed wakeup output
high voltage
V
OHWUF 9.7
–
12
V
220
Ω < RUL <9.1 kΩ
TxD = L; M0 = L
VOHWUF < Vbatt <16V
Bus output high
voltage; normal and
high speed
V
OH
3.60
4.0 4.55
V
100
Ω < RUL <9.1 kΩ
TxD = L; 6 V <
V
batt <16 V
Bus output current limit
I
OLI
200
250 350
mA TxD = L;
V
CANH =0 V
Bus output leakage
current
I
OLK
– 10
–
200
µATxD = H; Tj < 125 °C;
V
batt –28V< VCANH <
V
batt –1 V
Bus output leakage
current (loss of ground)
I
OLK
– 50
–
200
µA0 V < V
batt < VUVOFF;
V
batt –28 V< VCANH <
V
batt –1 V
Slew rate rising edge,
normal mode
SCANH
–2.0 –
V
/µs20% < VCANH < 80%
Slew rate rising edge,
wake-up mode
SCANH
–4.0 –
V
/µs20% < VCANH < 80%
M0 = L;
V
batt =12 V
Slew rate rising edge;
high speed;
SCANH
516
25
V
/µs20% < V
CANH < 80%
M1 = L;
T
j < 125 °C
Transmit propagation
time; normal mode
t
TCF
25
6
µsTxD = (H to L) to
V
CANH =(VIH +0.8 V)
1.0
µs < τ < 3.6 µs;
Transmit propagation
time; wake-up mode
t
TCF
15
4
µsTxD = (H to L) to
V
CANH =(VIH + 0.8 V);
M0 = L;
V
batt = 12 V;
1.0
µs < τ < 3.6 µs
5.5 V <
V
batt < 16 V; 4.75 V < VCC < 5.25 V; – 40 °C< Tj <150 °C; M0 = M1 = H;
R
UL= 9.1 kΩ (connected between CANH and LOAD); RRSL =39kΩ; all voltages with
respect to ground; positive current defined flowing into pin; unless otherwise specified
Parameter
Sym-
bol
Limit Values
Unit Test Condition
min.
typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com