Electronic Components Datasheet Search
  English  ▼

X  

TLE6255G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE6255G
Description  Single Wire CAN-Transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6255G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE6255G Datasheet HTML 8Page - Infineon Technologies AG TLE6255G Datasheet HTML 9Page - Infineon Technologies AG TLE6255G Datasheet HTML 10Page - Infineon Technologies AG TLE6255G Datasheet HTML 11Page - Infineon Technologies AG TLE6255G Datasheet HTML 12Page - Infineon Technologies AG TLE6255G Datasheet HTML 13Page - Infineon Technologies AG TLE6255G Datasheet HTML 14Page - Infineon Technologies AG TLE6255G Datasheet HTML 15Page - Infineon Technologies AG TLE6255G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TLE 6255 G
Data Sheet Rev. 2.5
12
2003-11-27
Mode Input M0 and M1
H-input voltage
threshold
V
M0,1H
–2.6 0.7
×
V
CC
V–
L-input voltage
threshold
V
M0,1L
0.3
×
V
CC
2.4 –
V
–
Hysteresis of input
voltage
V
M0,1HY
50
200 500
mV –
Pull down current
I
M0,1
520
50
µA1 V < V
M0,1 <5 V
Mode Change Delaytimes
Normal to high-speed
t
DNH
–5
30
µs
M1 H to L;
(not tested, specified by
design)
Normal to wakeup call
t
DNW
–5
30
µs
M0 H to L
(not tested, specified by
design)
Normal to sleep
t
DNS
–5
500
µs
M0 and M1 H to L
(not tested, specified by
design)
Sleep to normal
t
DSN
–5
50
µs
M0 and M1 L to H
(not tested, specified by
design)
Slewrate Input RSL
Output voltage
V
RSL
2.5
3
3.5
V
I
RSL =100 µA
5.5 V <
V
batt < 16 V; 4.75 V < VCC < 5.25 V; – 40 °C< Tj <150 °C; M0 = M1 = H;
R
UL= 9.1 kΩ (connected between CANH and LOAD); RRSL =39kΩ; all voltages with
respect to ground; positive current defined flowing into pin; unless otherwise specified
Parameter
Sym-
bol
Limit Values
Unit Test Condition
min.
typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com