Electronic Components Datasheet Search
  English  ▼

X  

UT54BS3245 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # UT54BS3245
Description  Provides cold-sparing capability without the need for actual cold-sparing multiplexer inputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54BS3245 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  UT54BS3245 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
36-00-03-004
Ver. 1.0.0
3
Aeroflex Microelectronics Solutions - HiRel
ABSOLUTE MAXIMUM RATINGS
1
Symbol
Parameter
MIN
MAX
Unit
VDD
2
Positive Output Supply Voltage
-0.5
7.2
V
VI
2
Voltage on an Input pin during operation
VDD+
0.3V
V
ICCC
Continuous DC Channel Current
65
mA
PD
3
Maximum package power dissipation
permitted at TC=125°C
1.6
W
TJ
Junction Temperature
+150
°C
Ө
JC
Thermal resistance, junction-to-case
15
°C/W
TSTG
Storage Temperature
-65
+150
°C
ESD
ESD protection (Human Body Model) Class 2
2000
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. Functional
operation should be restricted to recommended operating conditions. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability and performance.
2. All voltages referenced to VSS
3. Per MIL-STD-883, method 1012.1, section 3.4.1, PD=(Tj(max) -
Tc(max)) / Өjc
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
LIMIT
Unit
VDD
1
Positive Output Supply Voltage
3.0 to 3.6 or 4.5 to 5.5
V
VIN
1
Input Voltage on any pin
0.0 to VDD
V
TC
Case Temperature Range
-55 to +125
°C
tR
Rise time
>5
ns
tF
Fall time
>5
ns
ICCC
Continuous DC Channel Current
60
mA
Notes:
1.
All voltages referenced to VSS
OPERATIONAL ENVIROMENT
PARAMETER
LIMIT
UNITS
Total Ionizing Dose (TID)
3.0E5
rad(Si)
Single Event Latchup (SEL)
>100
MeV-cm2/mg



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com