Electronic Components Datasheet Search
  English  ▼

X  

UT54BS3245 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54BS3245
Description  Provides cold-sparing capability without the need for actual cold-sparing multiplexer inputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54BS3245 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54BS3245 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
36-00-03-004
Ver. 1.0.0
1
Aeroflex Microelectronics Solutions - HiRel
Standard Products
UT54BS3245 8x1 Bus Switch
Preliminary Datasheet
February 2015
www.aeroflex.com/busswitch
FEATURES
□ Provides cold-sparing capability without the need for actual
cold-sparing multiplexer inputs
□ Bidirectional operation
□ 3.3V operating lower supply with typical 11Ω switch
connection between ports
□ 5V operating lower supply with typical 5 Ω switch
connection between ports
□ Isolates non cold-spared devices from an active bus
□ Ultra low power CMOS technology
□ ESD rating HBM: 2000V, Class 2
□ Operational environment:
- Total dose: 300 krad(Si)
- Latchup immune (LET <= 100 MeV-cm2/mg)
□ Packaging:
- 20-lead flatpack
□ Standard Microelectronics Drawing (SMD)
- QML Q and V pending
INTRODUCTION
The UT54BS3245 provides eight channels of high-speed
CMOS compatible bus switching. The package is to provide a
standard ’245 device pin out. The low on-state resistance of
the switch allows connections to be made with minimal
propagation delay. The device is organized as one 8-channel
switch. When the output-enable (/EN) input is low, the switch
is on, and port A is connected to port B. When /EN is high, the
switch is open, and the high-impedance state exists between
the two ports.
APPLICATIONS INFORMATION
Memory Interface
-
Solution for multiple memory devices on a bus –
isolates heavy loading
Bus Isolation
-
Ability to electrically isolate a device, or banks of
devices, from memory bus or ADC output when not
needed
-
Enables bank switching for redundancy or device
failure
-
Provides cold-sparing capability without the need for
actual cold-sparing buffers
Redundancy
-
Allows multiple non cold-spare devices to be present
on a bus
Supports Analog Applications
-
In voltage range: 3.0 to 3.6V or 4.5 to 5.5V
-
Signal isolation: -60dB
-
Bandwidth (3dB): 500 MHz
1A8
1B8
/EN
1A1
1B1
Figure 1. UT54BS3245 Block Diagram


Similar Part No. - UT54BS3245

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54BS32245 AEROFLEX-UT54BS32245 Datasheet
1Mb / 14P
UT54BS32245 32bit Bus Switch
UT54BS32245-CCA AEROFLEX-UT54BS32245-CCA Datasheet
1Mb / 14P
UT54BS32245 32bit Bus Switch
UT54BS32245-CCC AEROFLEX-UT54BS32245-CCC Datasheet
1Mb / 14P
UT54BS32245 32bit Bus Switch
UT54BS32245-CPA AEROFLEX-UT54BS32245-CPA Datasheet
1Mb / 14P
UT54BS32245 32bit Bus Switch
UT54BS32245-CPC AEROFLEX-UT54BS32245-CPC Datasheet
1Mb / 14P
UT54BS32245 32bit Bus Switch
More results

Similar Description - UT54BS3245

ManufacturerPart #DatasheetDescription
logo
Bi technologies
143-131A BITECH-143-131A Datasheet
388Kb / 3P
COLD JUNCTION COMPENSATION MODULE
logo
List of Unclassifed Man...
WK1V-115-020 ETC2-WK1V-115-020 Datasheet
85Kb / 2P
COLD CAPILLARY CONTROLS
logo
Cornell Dubilier Electr...
101C CDE-101C_17 Datasheet
848Kb / 12P
The Ultimate in Cold Performance and ESR
401C CDE-401C_17 Datasheet
504Kb / 8P
The Ultimate in Cold Performance and ESR
logo
Pepperl+Fuchs Inc.
H-CJC-SC-8 PF-H-CJC-SC-8 Datasheet
74Kb / 1P
Resistance Thermometer for Cold Junction Compensation
H-CJC-SP-8 PF-H-CJC-SP-8 Datasheet
74Kb / 1P
Resistance Thermometer for Cold Junction Compensation
KC-CJC-1GN PF-KC-CJC-1GN Datasheet
585Kb / 2P
Resistance Thermometer for Cold Junction Compensation
K-CJC-BK PF-K-CJC-BK Datasheet
404Kb / 1P
Terminal Block for Cold Junction Compensation
LB9112A PF-LB9112A Datasheet
463Kb / 1P
Cold Junction Module
2020-03-30
logo
Lapp.
53113500 LAPP-53113500 Datasheet
256Kb / 2P
SKINTOP® COLD M / COLD-R M
02.12.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com