Electronic Components Datasheet Search
  English  ▼

X  

UT54BS3245 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # UT54BS3245
Description  Provides cold-sparing capability without the need for actual cold-sparing multiplexer inputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54BS3245 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button UT54BS3245 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 9Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 10Page - Aeroflex Circuit Technology UT54BS3245 Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
36-00-03-004
Ver. 1.0.0
9
Aeroflex Microelectronics Solutions - HiRel
ORDERING INFORMATION
UT54BS3245 8x1 Bus Switch Analog:
UT54
******
*
*
*
*
Lead Finish: (Notes 1 and 2)
(A) = Hot solder dipped
(C) = Gold
(X) = Factory option (gold or solder)
Screening: (Notes 3 and 4)
(C) = HiRel flow (-55°C to +125°C)
(P) = Prototype flow (+25°C only)
Package Type:
(U) = 20-lead Flatpack)
Access Time:
(-)
Device Type:
(BS3245) = 8x1 Bus Switch
Notes:
1. Lead finish (A,C, or X) must be specified.
2. If an “X” is specified when ordering, then the part marking will match the lead finish and will
be either “A” (solder) or “C” (gold).
3. Prototype flow per Aeroflex Manufacturing Flows Document. Tested at 25°C only. Lead finish
is GOLD ONLY. Radiation neither tested nor guaranteed.
4. HiRel Temperature Range flow per Aeroflex Manufacturing Flows Document. Devices are
tested at -55°C, room temp, and +125°C. Radiation neither tested nor guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com