Electronic Components Datasheet Search
  English  ▼

X  

TLE6711 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE6711
Description  Multifunctional Voltage Regulator and Watchdog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE6711 Datasheet HTML 15Page - Infineon Technologies AG TLE6711 Datasheet HTML 16Page - Infineon Technologies AG TLE6711 Datasheet HTML 17Page - Infineon Technologies AG TLE6711 Datasheet HTML 18Page - Infineon Technologies AG TLE6711 Datasheet HTML 19Page - Infineon Technologies AG TLE6711 Datasheet HTML 20Page - Infineon Technologies AG TLE6711 Datasheet HTML 21Page - Infineon Technologies AG TLE6711 Datasheet HTML 22Page - Infineon Technologies AG TLE6711 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet V 2.22
19
2001-04-23
TLE 6711
Circuit Description
2.3.1
Boost Status Output OVL
For supervision of the Boost output voltage an open drain DMOS output is used. The
output is high impedance in normal operation and low during the warning.
The OVL goes LOW if the PWM comparator output (see Boost Converter Block
Diagram) remains HIGH for clock time period. This occurs when the Error-Signal falls
below the minimum value of the Error-Ramp, this mean that Boost voltage falls below a
certain threshold voltage.
The OVL output used as a warning for insufficient Boost voltage.
2.4
Buck Converter
A stabilized logic supply voltage (typ. 5 V) for general purpose is realized in the system
by a buck converter. An external buck-inductance
L
BU is PWM switched by a high side
DMOS power transistor with the programmed frequency (pin R).
The buck regulator supply is given by the boost converter output
V
BOOST,in case ofa
battery power-down the stored energy of the boost converter capacitor is used.
Like the boost converter, the buck converter uses the temperature compensated
bandgap reference voltage (typ. 2.8 V) for its regulation loop.
This reference voltage is connected to the non-inverting input of the error amplifier and
an internal voltage divider supplies the inverting input. Therefore the output voltage
V
CC
is fixed due to the internal resistor ratio to typ. 5.0 V.
The output of the error amplifier goes to the inverting input of the PWM comparator as
well as to the buck compensation output BUC.
When the error amplifier output voltage exceeds the sawtooth voltage the output power
MOS-transistor is switched on. So the duration of the output transistor conduction phase
depends on the
V
CC level. A logic signal PWM with variable pulse width is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com