Electronic Components Datasheet Search
  English  ▼

X  

TLE6711 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE6711
Description  Multifunctional Voltage Regulator and Watchdog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE6711 Datasheet HTML 16Page - Infineon Technologies AG TLE6711 Datasheet HTML 17Page - Infineon Technologies AG TLE6711 Datasheet HTML 18Page - Infineon Technologies AG TLE6711 Datasheet HTML 19Page - Infineon Technologies AG TLE6711 Datasheet HTML 20Page - Infineon Technologies AG TLE6711 Datasheet HTML 21Page - Infineon Technologies AG TLE6711 Datasheet HTML 22Page - Infineon Technologies AG TLE6711 Datasheet HTML 23Page - Infineon Technologies AG TLE6711 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
TLE 6711
Circuit Description
Data Sheet V 2.22
20
2001-04-23
Figure 8
Buck Converter Block Diagram
External loop compensation is required for converter stability, and is formed by
connecting a compensation resistor-capacitor series-network (
R
BUC, CBUC) between pin
BUC and GND.
In the case of overload or short-circuit at
V
CC (the output current exceeds the buck
overcurrent threshold
I
BUOC)
the DMOS output transistor is switched off by the
overcurrent comparator immediately. The pulse width is then controlled by the
overcurrent comparator as seen before in the boost description.
In order to protect the
V
CC input as well as the external load against catastrophic failures,
an overvoltage protection is provided which switches the output transistor off as soon as
the voltage at pin
V
CC exceeds the internal fixed overvoltage threshold VBUOVOFF = typ.
6.0 V.
AEB02947
-
+
=
thOV
V
VCC3
R
39.7k
Ω
VCC4
10.3k
R
Ω
GND
BUC
Pin 6
Pin 7
CC
V
1.2 V
VCC
2.8 V
V
Ω
VCC1
Ω
VCC2
28k
R
22k
R
GND
=
REF
CC
V
Error
AMP
RProt1
Ω
200
COMP
PWM
Error-
Signal
r
tt
f tr
max
V
min
V
t
Pin 1
R
Vhigh
low
V
t t
rf tr
t
Error-
Ramp
Oscillator
Schmitt-trigger 1
H when
Error-Signal
<
Error-Ramp
&
&
R
S
Q
Q
L when
> 175 ˚C
j
T
Clock
Error-FF
NOR 1
1
H when
OV at VCC
L when
Overcurrent
Output Stage
OFF when H
OFF when H
OV
COMP
&
S
NAND 2
&
Q
Q
&
R
PWM-FF
1
INV
OFF
ON
Gate
Driver
Power
D-MOS
Boost
Driver
Supply
BDS
Pin 10
Pin 8
BUO
COMP
UV
H when
UV at Boost
V
=
GND
thUV
4 V
V
GND
H =
H =
OC
COMP
18 mV
thOC
V
L when
Overcurrent
Pin 9
Boost
V
R
18 m
Sense
Ω
GND
Ramp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com