Electronic Components Datasheet Search
  English  ▼

X  

TLE6711 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE6711
Description  Multifunctional Voltage Regulator and Watchdog
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE6711 Datasheet HTML 20Page - Infineon Technologies AG TLE6711 Datasheet HTML 21Page - Infineon Technologies AG TLE6711 Datasheet HTML 22Page - Infineon Technologies AG TLE6711 Datasheet HTML 23Page - Infineon Technologies AG TLE6711 Datasheet HTML 24Page - Infineon Technologies AG TLE6711 Datasheet HTML 25Page - Infineon Technologies AG TLE6711 Datasheet HTML 26Page - Infineon Technologies AG TLE6711 Datasheet HTML 27Page - Infineon Technologies AG TLE6711 Datasheet HTML 28Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
TLE 6711
Diagrams: Oscillator and Boost/Buck-Converter Performance
Data Sheet V 2.22
24
2001-04-23
Current Consumption vs.
Junction Temperature
Efficiency Buck vs.
Load
Efficiency Buck vs.
Boost Voltage
AED02940
j
T
0.5
1
1.5
2
2.5
mA
3
-50 -25
0
25 50 75 100 ˚C 150
Boost
I
Boost ON
Buck ON
BO boost
I
= 0 mA
= 0 mA
CC
I
AED02942
η
LOAD
I
50
150
250
mA
65
70
75
80
85
%
90
RT, HT
CT
AED02941
Boost
V
65
5
η
15
25
V 30
70
75
80
85
90
%
95
VCC = 5 V
Load
I
= 120 mA
80 mA
40 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com