Electronic Components Datasheet Search
  English  ▼

X  

TLE7230R Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE7230R
Description  Smart Octal Low-Side Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7230R Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7230R Datasheet HTML 3Page - Infineon Technologies AG TLE7230R Datasheet HTML 4Page - Infineon Technologies AG TLE7230R Datasheet HTML 5Page - Infineon Technologies AG TLE7230R Datasheet HTML 6Page - Infineon Technologies AG TLE7230R Datasheet HTML 7Page - Infineon Technologies AG TLE7230R Datasheet HTML 8Page - Infineon Technologies AG TLE7230R Datasheet HTML 9Page - Infineon Technologies AG TLE7230R Datasheet HTML 10Page - Infineon Technologies AG TLE7230R Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Target Datasheet TLE7230 R/G
V1.1
Page
12. Oct. 2003
7
Functional Description
The TLE 7230 R/G is an octal-low-side power switch which provides a serial peripheral interface (SPI)
to control the 8 power DMOS switches, as well as diagnostic feedback. The power transistors are pro-
tected4) against overload (current limitation), overtemperature and against overvoltage by an active
zener clamp. The diagnostic logic recognizes a fault condition which can be read out via the serial di-
agnostic output (SO).
Output Stage Control: Parallel Control or SPI Control
The Output stages can be controlled by parallel Inputs or by SPI command. The IC can be pro-
grammed (by SPI) to switch the outputs according to the corresponding SPI command bit or to a com-
bination of SPI bit and parallel input signal. The logic combination of parallel and serial signal is pro-
grammable by SPI (Boolean operation) to logic "AND" or "OR" The respective SPI databits are high
active, the parallel Inputs are high or low active according to the PRG pin (see pin description).
Boolean operation:
The logic combination of the parallel and the
serial input signal can be configured by an
SPI command for each of the 8 channels
individually. Logic "AND" or logic "OR" is
possible.
Mappable parallel input (IN 4):
By SPI Command the parallel input 4 (IN4 or IN) can be defined as parallel input for one or more power
outputs. Depending on the Input Map Register this input can be used to controll one up to eight of the
parallel outputs. Default operation: IN4 / IN is the parallel input for channel 4.
Switching speed / Slew rate:
The switching speed / slew rate of all 8 channels can be configured by SPI for slow or fast switching
speed (1:5) for each channel individually.
Overtemperature Behavior:
Each channel has an overtemperature sensor and is individually protected against overtemperature.
As soon as overtemperature occurs the channel is immediately turned off and the overtmperature in-
formation is reported by diagnosis. In this case there are two different behaviours of the affected chan-
nel that can be selected by SPI (for all channels individually).
Autorestart: as long as the input signal of the channel remains on (e.g. parallel input high) the channel
turns automatically on again after cooling down.
4 )The integrated protection functions prevent an IC destruction under fault conditions and may not be used in
normal operation or permanently.
parallel in serial in
Output "OR"
Output "AND"
off
off
off
off
off
on
on
off
on
off
on
off
on
on
on
on
&
≥1
serial controll register
Channel 1 to 3
Input buffer
IN 4
Input buffer
IN n (1..3)
Output Latch
Input Map register
Boolean register
&
≥1
serial controll register
Channel 4 to 8
Input buffer
IN 4
Output Latch
Input Map register
Boolean register
Signal logic channel 1 to 3
Signal logic channel 4 to 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com