Electronic Components Datasheet Search
  English  ▼

X  

TLE7230R Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE7230R
Description  Smart Octal Low-Side Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7230R Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE7230R Datasheet HTML 1Page - Infineon Technologies AG TLE7230R Datasheet HTML 2Page - Infineon Technologies AG TLE7230R Datasheet HTML 3Page - Infineon Technologies AG TLE7230R Datasheet HTML 4Page - Infineon Technologies AG TLE7230R Datasheet HTML 5Page - Infineon Technologies AG TLE7230R Datasheet HTML 6Page - Infineon Technologies AG TLE7230R Datasheet HTML 7Page - Infineon Technologies AG TLE7230R Datasheet HTML 8Page - Infineon Technologies AG TLE7230R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Target Datasheet TLE7230 R/G
V1.1
Page
12. Oct. 2003
1
Smart Octal Low-Side Switch
Features
Product Summary
♦ Full Protection
Overload
Overtemperature
Overvoltage
♦ Low Quiescent Current< 10µA
♦ 16 bit SPI (for Daisychain)
♦ Direct Parallel Control of Four Channels
♦ PWM input (demux)
♦ Parallel Inputs High or Low Active Programmable
♦ Programmable functions
Boollean operation
Overload behavior
Overtemperature behavior
Switching time
♦ General Fault Flag
♦ Digital Ports Compatible to 5V and 3,3 V Micro Controllers
♦ Electostatic Discharge (ESD) Protection
♦ Full reverse current capability without latchup or loss of function
General description
Detailed Block Diagram
Octal
Low-Side
Switch
in
Smart
Power
Technology
(SPT) with a Serial Peripheral
Interface (SPI) and eight open
drain DMOS output stages.
The TLE 7230 R/G is pro-
tected by embedded protec-
tion functions and designed for
automotive applications.
Supply voltage
VS
4.5 – 5.5 V
Drain source clamping voltage
VDS(AZ)max 60
V
On resistance
RON
0.8
Ω
Power P-DSO 36
P-DSO-24
RESET
FAULT
CS
Output Stage
Output Control
Buffer
Serial Interface
SPI
LOGIC
SCLK
SI
88
GND
VS
SO
1
4
IN1
IN2
IN3
IN4
OUT1
OUT8
PRG
VBB
VS
as Ch. 1
as Ch. 1
as Ch. 1
16
GND
Protection
Functions
VDO


Similar Part No. - TLE7230R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7230R INFINEON-TLE7230R Datasheet
237Kb / 15P
Smart Octal Low-Side Switch Features Low Quiescent Current< 10關A
V3.4 2009-07-15
TLE7230R INFINEON-TLE7230R Datasheet
201Kb / 14P
Smart Octal Low-Side Switch Low Quiescent Current< 10關A Overvoltage
V2.0 2005-10-05
TLE7230R INFINEON-TLE7230R_05 Datasheet
201Kb / 14P
Smart Octal Low-Side Switch Low Quiescent Current< 10關A Overvoltage
V2.0 2005-10-05
TLE7230R INFINEON-TLE7230R_09 Datasheet
237Kb / 15P
Smart Octal Low-Side Switch Features Low Quiescent Current< 10關A
V3.4 2009-07-15
More results

Similar Description - TLE7230R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6230GP INFINEON-TLE6230GP Datasheet
746Kb / 16P
Smart Octal Low-Side Switch?
V2.1 26. Aug. 2002 1
TLE6236G INFINEON-TLE6236G Datasheet
526Kb / 15P
Smart Octal Low-Side Switch
V2.1 26.Aug. 2002
logo
Siemens Semiconductor G...
TLE4224-2 SIEMENS-TLE4224-2 Datasheet
215Kb / 8P
Smart Low-Side Switch
logo
Infineon Technologies A...
TDA6230GP INFINEON-TDA6230GP Datasheet
282Kb / 16P
Smart Octal Low-Side Switch Overtemperature Protection
V2.3 18. Nov. 2009
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
TLE6230GP INFINEON-TLE6230GP_09 Datasheet
282Kb / 16P
Smart Octal Low-Side Switch
V2.3 Nov. 2009 1
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com