Electronic Components Datasheet Search
  English  ▼

X  

TLE7230R Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE7230R
Description  Smart Octal Low-Side Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7230R Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE7230R Datasheet HTML 6Page - Infineon Technologies AG TLE7230R Datasheet HTML 7Page - Infineon Technologies AG TLE7230R Datasheet HTML 8Page - Infineon Technologies AG TLE7230R Datasheet HTML 9Page - Infineon Technologies AG TLE7230R Datasheet HTML 10Page - Infineon Technologies AG TLE7230R Datasheet HTML 11Page - Infineon Technologies AG TLE7230R Datasheet HTML 12Page - Infineon Technologies AG TLE7230R Datasheet HTML 13Page - Infineon Technologies AG TLE7230R Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Target Datasheet TLE7230 R/G
V1.1
Page
12. Oct. 2003
10
The input data consist of 16 bit, made up of x control bits and y data bits. The control word is used to
program the device, to operate it in a certain mode as well as providing diagnostic information (see SPI
Commands).
SO - Serial Output. Diagnostic data bits are shifted out serially at this pin, the most significant bit (MSB)
first. SO is in a high impedance state until the CS pin goes to a logic low state. New diagnostic data will
appear at the SO pin following the rising edge.
SPI Control and Commands:
MSB
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LSB
SI:
CMD
x
x
x
ADDR
DATA
SO standard diagnosis
SO:
Ch 8
Ch 7
Ch 6
Ch 5
Ch 4
Ch 3
Ch 2
Ch 1
SO after read command in previous frame
SO:
0
1
0
0
0
ADDR
DATA
CMD
Command :
0 0 : Diagnosis Only :
Reads out the diagnosis register. This command has no other influence on the device.
0 1 : Read register :
With the next SO dataframe the content of the addressed register will be sent.
1 0 : Reset Registers
Sets back all internal registers. Logic registers to default and Fault registers to no error.
1 1 : Write register :
The data of the SI word will be written to the addressed register.
No valid Commands :
If the first 8 bit of the SI word contain no valid bit combination it will not lead to an reac-
tion (register value change, switching channels, ...) of the IC. After Chip Select giong
L H the diagnosis register will not be reset.
ADDR
Address :
Pointer to register for read and write command
DATA
Data:
Data written to or read from register selected by address ADDR
Ch x
Standard diagnosis for channel x:
Details see "SPI Diagnostics"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com