Electronic Components Datasheet Search
  English  ▼

X  

MAX3053ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3053ESA
Description  ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3053ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3053ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 8Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX3053 interfaces between the control area network
(CAN) protocol controller and the physical wires of the bus
lines in a CAN. It is primarily intended for industrial systems
requiring data rates up to 2Mbps and features ±80V fault
protection against shorts to high-voltage power buses. The
device provides differential transmit capability to the bus
and differential receive capability to the CAN controller.
The MAX3053 has three different modes of operation:
high-speed, slope control, and shutdown. High-speed
mode allows data rates up to 2Mbps. In slope control
mode, data rates are between 40kbps and 500kbps so
the effects of EMI are reduced and unshielded twisted
or parallel cable may be used. In shutdown mode, the
transmitter is switched off, and the receiver is switched to
a low-current mode.
An autoshutdown function puts the device in 15μA shut-
down mode when the bus or CAN controller is inactive for
47ms or greater.
The MAX3053 is available in an 8-pin SO package and is
specified for -40°C to +125°C operation.
Applications
● Industrial Control and Networks
● Printers
● HVAC Controls
● Telecom 72V Systems
Features
● ±80V Fault Protection
● Three Operating Modes
• High-Speed Operation up to 2Mbps
• Slope Control Mode to Reduce EMI
(40kbps to 500kbps)
● 15μA Low-Current Shutdown Mode
● Autoshutdown when Device Is Inactive
● Automatic Wakeup from Shutdown
● Thermal Shutdown
● Current Limiting
● Fully Compatible with the ISO 11898 Standard
Pin Configuration appears at end of data sheet.
19-2425; Rev 1; 5/14
PART
TEMP RANGE
PIN-PACKAGE
MAX3053ESA
-40°C to +85°C
8 SO
MAX3053ASA
-40°C to +125°C
8 SO
TXD
RXD
RS
25kΩ TO 180kΩ
VCC
CANL
GND
CANH
120Ω
100nF
SHDN
GND
TXD
100nF
CAN
CONTROLLER
VCC
120Ω
RXD
MAX3053
MAX3053
±80V Fault-Protected, 2Mbps,
Low Supply Current CAN Transceiver
Typical Operating Circuit
Ordering Information


Similar Part No. - MAX3053ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3053ESA MAXIM-MAX3053ESA Datasheet
317Kb / 11P
짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
Rev 0; 4/02
More results

Similar Description - MAX3053ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3050 MAXIM-MAX3050 Datasheet
360Kb / 12P
짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceivers
Rev 0; 10/02
MAX3053 MAXIM-MAX3053 Datasheet
317Kb / 11P
짹80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
Rev 0; 4/02
logo
Linear Technology
LT1796 LINER-LT1796 Datasheet
153Kb / 8P
Overvoltage Fault Protected CAN Transceiver
logo
Maxim Integrated Produc...
MAX13041 MAXIM-MAX13041 Datasheet
275Kb / 21P
±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 1; 11/07
MAX13041 MAXIM-MAX13041_08 Datasheet
207Kb / 20P
±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 2; 12/08
logo
Linear Technology
LT1796 LINER-LT1796_15 Datasheet
152Kb / 8P
Overvoltage Fault Protected CAN Transceiver
logo
Maxim Integrated Produc...
MAX3050 MAXIM-MAX3050_14 Datasheet
1Mb / 12P
±80V Fault-Protected, 2Mbps, Low-Supply Current CAN Transceivers
Rev 1; 6/14
MAX3054 MAXIM-MAX3054_14 Datasheet
1Mb / 18P
±80V Fault-Protected/Tolerant CAN Transceiver
Rev 1; 9/14
MAX13051 MAXIM-MAX13051_14 Datasheet
249Kb / 12P
±80V Fault-Protected Can Transceiver with Autobaud
Rev 1; 10/12
logo
Texas Instruments
TCAN1043-Q1 TI1-TCAN1043-Q1 Datasheet
635Kb / 43P
Fault Protected CAN Transceiver with CAN FD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com