Electronic Components Datasheet Search
  English  ▼

X  

MAX3053ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3053ESA
Description  ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3053ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3053ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 8Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
VCC to GND ............................................................ -0.3V to +6V
TXD, RS, RXD, SHDN to GND...................-0.3V to (VCC + 0.3V)
RXD Shorted to GND................................................. Continuous
CANH, CANL to GND...........................-80V to +80V Continuous
Continuous Power Dissipation
8-Pin SO (derate 5.9mW/°C above +70°C)..................470mW
Operating Temperature Ranges
MAX3053ASA................................................-40°C to +125°C
MAX3053ESA..................................................-40°C to +85°C
Junction Temperature.......................................................+150°C
Storage Temperature Range...............................-65°C to +150°C
Lead Temperature (soldering, 10s)...................................+300°C
(VCC = +5V ±10%, RL = 60Ω, RS = GND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
IS
Dominant (Note 1)
56
72
mA
Dominant (no load)
6
Recessive (Note 1)
3.6
5.5
Recessive (no load)
5.5
Shutdown Supply Current
IQSHDN
SHDN = GND
15
30
µA
Thermal Shutdown Threshold
160
°C
Thermal Shutdown Hysteresis
20
°C
TXD Input Levels
High-Level Input Voltage
VIH
2.0
V
Low-Level Input Voltage
VIL
0.4
V
High-Level Input Current
IIH
VTXD = VCC
1
µA
Pullup Resistor
RINTXD
20
kΩ
CANH, CANL Transmitter
Recessive Bus Voltage
VCANH,
VCANL
VTXD = VCC, no load
2
3
V
Off-State Output Leakage
ILO
-2V < VCANH, VCANL < +7V,
SHDN = GND, VTXD = VCC
-2
+1
mA
-80V < VCANH, VCANL < +80V,
SHDN = GND, VTXD = VCC
-4
+4
CANH Output Voltage
VCANH
VTXD = 0
3.0
VCC
V
CANL Output Voltage
VCANL
VTXD = 0
0
2.0
V
Differential Output
(VCANH - VCANL)
ΔVCANH,
VCANL
VTXD = 0
1.5
5
V
VTXD = 0, RL = 45Ω
1.5
VTXD = VCC; no load
-500
+50
mV
CANH Short-Circuit Current
ISC
VCANH = -5V
-200
mA
CANL Short-Circuit Current
ISC
VCANL = 18V
200
mA
ESD CANH, CANL (Note 2)
Human Body Model
± 2
kV
IEC1000-4-2 Air-Gap Discharge
± 3
IEC1000-4-2 Contact Discharge
± 2.5
MAX3053
±80V Fault-Protected, 2Mbps,
Low Supply Current CAN Transceiver
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com