Electronic Components Datasheet Search
  English  ▼

X  

MAX3053ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3053ESA
Description  ±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3053ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3053ESA Datasheet HTML 1Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 2Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 3Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 4Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 5Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 6Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 7Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 8Page - Maxim Integrated Products MAX3053ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
(VCC = +5V ±10%, RL = 60Ω, RS = GND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC Bus Receiver (VTXD = VCC; CANH and CANL externally driven (-2V < VCANH, VCANL < +7V, unless otherwise specified)
Differential Input Voltage
(Recessive)
VDIFF
-7V < VCANH, VCANL < +12V
-1.0
+0.5
V
Differential Input Voltage
(Dominant)
VDIFF
-7V < VCANH, VCANL < +12V
0.9
3.3
V
Differential Input Hysteresis
VDIFF(HYST)
150
mV
CANH Input Wakeup Voltage
Threshold
VCANH(SHDN) SHDN = GND, VTXD = VCC
6
9
V
RXD High-Level Output Voltage
VOH
I = -100µA
0.8 x
VCC
V
RXD Low-Level Output Voltage
VOL
I = 10mA
0.8
V
I = 5mA
0.4
CANH and CANL Input
Resistance
RI
5
25
kΩ
Differential Input Resistance
RDIFF
10
100
kΩ
Slope Control
Input Voltage for High Speed
VSLP
0.3 x
VCC
V
Slope Control Mode Voltage
VSLOPE
RRS = 24kΩ to 180kΩ
0.4 x
VCC
0.6 x
VCC
V
Slope Control Mode Current
ISLOPE
RRS = 24kΩ to 180kΩ, VCC = +5.0V
-10
-200
µA
High-Speed Mode Current
IHS
VRS = 0
-500
µA
AutoShutdown
SHDN Input Voltage High
2
V
SHDN Input Voltage Low
0.5
V
MAX3053
±80V Fault-Protected, 2Mbps,
Low Supply Current CAN Transceiver
www.maximintegrated.com
Maxim Integrated │ 3
DC Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com