Electronic Components Datasheet Search
  English  ▼

X  

UT54ACS630 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # UT54ACS630
Description  RadHard EDAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS630 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  UT54ACS630 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
RADIATION HARDNESS SPECIFICATIONS 1
Notes:
1. Logic will not latchup during radiation exposure within the limits defined in the table.
2. Not tested, inherent of CMOS technology.
ABSOLUTE MAXIMUM RATINGS1
Note:
1. Stresses outside the listed absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, functional operation of the device at these
or any other conditions beyond limits indicated in the operational sections is not recommended. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability and performance.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
LIMIT
UNITS
Total Dose
1.0E5
rad(Si)
SEL Immune
>108
MeV-cm2/mg
SEU Onset LET
>108
MeV-cm2/mg
Neutron Fluence2
1.0E14
n/cm2
SYMBOL
PARAMETER
LIMIT
UNITS
VDD
Supply voltage
-0.3 to 6.0
V
VI/O
Voltage any pin during operation
-0.3 to VDD +0.3
V
TSTG
Storage Temperature range
-65 to +150
C
TJ
Maximum junction temperature
+175
C
JC
Thermal resistance junction to case
20
C/W
II
DC input current
+10
mA
PD
Maximum power dissipation

mW
SYMBOL
PARAMETER
LIMIT
UNITS
VDD
Supply voltage
4.5 to 5.5
V
VIN
Input voltage any pin
0 to VDD
V
TC
Temperature Range
-55 to +125
oC
tINRISE
tINFALL
Max input rise or fall time
(VIN transitions between VIL (max) and VIH (min))
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com