Electronic Components Datasheet Search
  English  ▼

X  

UT54ACS630 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACS630
Description  RadHard EDAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS630 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACS630 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Standard Products
UT54ACS630
RadHard EDAC
Datasheet
May 16, 2012
www.aeroflex.com/radhard
FEATURES
 DC operating voltage range 4.5V to 5.5V
 Input logic levels
- VIL = 30% of VCC
- VIH = 70% of VCC
 Fast propagation delay 11ns (max)
m Commercial RadHardTM CMOS
- Total dose: 100K rad(Si)
- Single Event Latchup immune
- SEU Onset LET: >108 MeV-cm2/mg
 Standard Microcircuit Drawing 5962-06239
- QML Q and V
 Package:
- 28-lead flatpack
DESCRIPTION
The UT54ACS630 is a RadHard 16-bit parallel error detection
and correction circuit. It uses a modified Hamming code to gen-
erate a 6-bit checkword from each 16-bit data word. The check-
word is stored with the data word during a memory write cycle;
during a memory read cycle a 22-bit word is taken from memory
and checked for errors. Single bit errors in the data words are
flagged and corrected. Single bit errors in the checkword are
flagged, but not corrected. The position of the incorrect bit is
pinpointed, in both cases, by the 6-bit error syndrome code
which is output during the error correction cycle.
PIN DESCRIPTION
Pin Names
Description
S0, S1
Mode Control Inputs
DBn
Bidirectional Data Bus
CBn
Bidirectional Checkbit Bus
SEF
Single Error Flag Output
DEF
Double Error Flag Output
1
2
3
4
5
7
6
28
27
26
25
24
22
23
DEF
DB0
DB1
DB2
DB3
DB4
DB5
VDD
SEF
S1
S0
CB0
CB2
CB1
28-Lead Flatpack
Top View
8
9
10
11
12
13
14
21
20
19
18
17
16
15
DB6
DB7
DB8
DB9
DB10
DB11
VSS
CB3
CB4
CB5
DB15
DB14
DB13
DB12


Similar Part No. - UT54ACS630

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS00 AEROFLEX-UT54ACS00 Datasheet
230Kb / 9P
Quadruple 2-Input NAND Gates
UT54ACS00E AEROFLEX-UT54ACS00E Datasheet
414Kb / 8P
Quadruple 2-Input NAND Gates
UT54ACS02 AEROFLEX-UT54ACS02 Datasheet
230Kb / 9P
Quadruple 2-Input NOR Gates
UT54ACS02E AEROFLEX-UT54ACS02E Datasheet
130Kb / 11P
Quadruple 2-Input NOR Gate
logo
List of Unclassifed Man...
UT54ACS04 ETC1-UT54ACS04 Datasheet
31Kb / 4P
Radiation-Hardened Hex Inverters
More results

Similar Description - UT54ACS630

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
TT96EDACNS SWITCH-TT96EDACNS Datasheet
123Kb / 1P
PATCHBAYS EDAC Series
logo
Infineon Technologies A...
BUY25CS12K-01 INFINEON-BUY25CS12K-01 Datasheet
480Kb / 8P
HiRel RadHard Power-MOS
BUY25CS45B-01 INFINEON-BUY25CS45B-01 Datasheet
499Kb / 8P
HiRel RadHard Power-MOS
BUY25CS54A-01 INFINEON-BUY25CS54A-01 Datasheet
436Kb / 9P
HiRel RadHard Power-MOS
V7, Sep 2016
BUY25CS12J-01 INFINEON-BUY25CS12J-01 Datasheet
412Kb / 8P
HiRel RadHard Power-MOS
V8, Sep 2016
BUY15CS57A-01 INFINEON-BUY15CS57A-01 Datasheet
454Kb / 8P
HiRel RadHard Power-MOS
V3, May 2016
BUY15CS23K-01 INFINEON-BUY15CS23K-01 Datasheet
591Kb / 8P
HiRel RadHard Power-MOS
V3, Sep 2016
logo
MH Connectors, All Righ...
MHHDDXX-F-N-B-S MH-MHHDDXX-F-N-B-S Datasheet
126Kb / 1P
MH CONNECTORS DIVISION OF EDAC
MHHDDXX-M-N-B-M MH-MHHDDXX-M-N-B-M Datasheet
87Kb / 1P
MH CONNECTORS , DIVISION OF EDAC
MHTRI-P-SERIES MH-MHTRI-P-SERIES Datasheet
91Kb / 1P
MH CONNECTORS , DIVISION OF EDAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com