Electronic Components Datasheet Search
  English  ▼

X  

UT54ACS630 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # UT54ACS630
Description  RadHard EDAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS630 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button UT54ACS630 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACS630 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
tPHL
Propagation Delay
Input
DBn or S1
Output
VDD
0.5VDD
0V
tPLH
VOH
VOL
VDD/2
tPLZ
tPZHn
tPZLn
tPHZ
SO Input
5V Output
Normally Low
Enable Disable Times
5V Output
Normally High
VDD
0.5VDD
0V
VDD/2
VDD/2
.8VDD
.2VDD
VDD/2+0.2
VDD/2-0.2
.2VDD + .2V
.8VDD - .2V
VSS
Test Load or Equivalent1
VDD
40pf
100ohms
VDD
100ohms
DBn or CBm
Input
S1
Input
VDD
0.5VDD
0.0V
0.0V
Set up / Hold Waveforms
tS
th
Notes
1. Equivalent test circuit means that DUT performance will be correlated and remain guaranteed to the applicable test circuit, above, whenever a test platform
change necessitates a deviation from the applicable test circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com