Electronic Components Datasheet Search
  English  ▼

X  

UT01VS50D Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # UT01VS50D
Description  UT01VS50D Voltage Supervisor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT01VS50D Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button UT01VS50D Datasheet HTML 2Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 3Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 4Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 5Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 6Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 7Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 8Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 9Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
Notes:
1. For devices procured with a total ionizing dose tolerance guarantee, the post-irradiation performance at 25oC per MIL-STD-883 Method 1019, Condition A, up to
the maximum TID level procured (see ordering information).
2. Unless otherwise specified,
VDD = 4.75V to 5.5V, -55°C < TC < +125°C. RESET_OD is the only parameter operable within 1.2V and the minimum recommended
operating supply voltage.
3. VOL, VOH characteristics apply to WDO, PFO and RESET_OD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com