Electronic Components Datasheet Search
  English  ▼

X  

UT01VS50D Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # UT01VS50D
Description  UT01VS50D Voltage Supervisor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT01VS50D Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button UT01VS50D Datasheet HTML 5Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 6Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 7Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 8Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 9Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 10Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 11Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 12Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Shown in Figure 7 is an application to monitor and detect power supply over voltage through the use of the PFI pin. When the
voltage at the PFI input, (VTH) exceeds VREF, (1.2 to 1.3V) the PFD output transitions from low to high causing the MR output to
transition from high to low. This asserts a RESET_OD indicating the voltage being monitored has exceeded the over voltage
monitor limit.
Figure 7. UT01VS50D Over Voltage Power Supply Monitoring and Reset
MR
1
2 VDD
PFI
3
7
6
8
WDI
WDO
RESET_OD
R1
R2
GND
4
PFO 5
VDD
I/O
RESET
uP
RPU
RPU=(VDD/IOL)
VTH= (R1+R2)/R2 ) * VPFI
VPFI=1.25V +/- 50mV
VDD 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com