Electronic Components Datasheet Search
  English  ▼

X  

UT01VS50D Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # UT01VS50D
Description  UT01VS50D Voltage Supervisor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT01VS50D Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button UT01VS50D Datasheet HTML 6Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 7Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 8Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 9Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 10Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 11Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 12Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 13Page - Aeroflex Circuit Technology UT01VS50D Datasheet HTML 14Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Shown in Figure 8 is an application using two UT01VS50D Voltage Supervisors to monitor both under voltage and over voltage of
a power supply. In this application the top Voltage Supervisor monitors the under-voltage of a 5V power supply while the bottom
Voltage Supervisor monitors the over voltage of the same 5V power supply. The 5V supply is monitored through the PFI input of
both Voltage Supervisors. Resistor values for both under voltage and over voltage monitoring can be set to accommodate a range of
power supply voltages.
During normal operation where VDD is within the allowed range (VDD_UND < VDD < VDD_OV), RESET_OD of both Voltage
Supervisors will be at logic high level. The Table 1 below shows the truth table for functional, under voltage detection and over
voltage detection.
Table 1. Under Voltage Over Voltage Truth Table
VDD
PFO_UND
PFO_OV
RESET_OD_UND
RESET_OD_OV
RESET_OD
uP or ASIC
Mode
Normal Operation
HIGH
LOW
HIGH
HIGH
HIGH
Normal
VDD < VDD_UND
LOW
LOW
LOW
HIGH
LOW
Reset Asserted
VDD > VDD_OV
HIGH
HIGH
HIGH
LOW
LOW
Reset Asserted
Figure 8. UT01VS50D Over Voltage Power Supply Monitoring and Reset
1
2 VDD
PFI
3
7
6
8
WDI
R1
R2
GND
4
5
VDD
I/O
uP
MR
1
2 VDD
PFI
3
7
6
8
WDI
R3
R4
GND
4
PFO 5
I/O
UT01VS50D
UNDER VOLTAGE
MONITOR
UT01VS50D
OVER VOLTAGE
MONITOR
VTH_UND= (R1+R2)/R2 ) * VPFI
VPFI=1.25V +/- 50mV
VTH_OV= (R3+R4)/R4 ) * VPFI
VPFI=1.25V +/- 50mV
VDD 5V
R5
R6
RESET
RESET
MR
WDO
WDO
RESET_OD
PFO
RESET_OD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com