Electronic Components Datasheet Search
  English  ▼

X  

CLC409 Datasheet(PDF) 3 Page - Texas Instruments

Part # CLC409
Description  Very Wideband, Low Distortion Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC409 Datasheet(HTML) 3 Page - Texas Instruments

  CLC409 Datasheet HTML 1Page - Texas Instruments CLC409 Datasheet HTML 2Page - Texas Instruments CLC409 Datasheet HTML 3Page - Texas Instruments CLC409 Datasheet HTML 4Page - Texas Instruments CLC409 Datasheet HTML 5Page - Texas Instruments CLC409 Datasheet HTML 6Page - Texas Instruments CLC409 Datasheet HTML 7Page - Texas Instruments CLC409 Datasheet HTML 8Page - Texas Instruments CLC409 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
OBSOLETE
CLC409
www.ti.com
SNOS853E – AUGUST 2000 – REVISED APRIL 2013
ELECTRICAL CHARACTERISTICS
AV = +2, VCC = ± 5V, RL = 100Ω, Rf = 250Ω; unless specified
Symbol
Parameter
Conditions
Typ
Max/Min(1)
Units
Ambient Temperature
CLC409AJ
+25°C
−40°C
+25°C
+85°C
Frequency Domain Performance
SSBW
3dB Bandwidth
VOUT <2VPP
350
>250
>250
>200
MHz
LSBW
VOUT <5VPP
110
>90
>90
>80
MHz
Gain Flatness
VOUT < 0.5VPP
GFPL
Peaking
DC to 75MHz
0
<0.4
<0.4
<0.4
dB
GFPH
Peaking
>75MHz
0
<0.8
<0.8
<0.8
dB
GFR1
Rolloff
DC to 125MHz
0.2
<1.0
<1.0
<1.0
dB
GFR2
Rolloff
@ 200MHz
1.0
<2.0
<2.2
<3.0
dB
LPD
Linear Phase Deviation
DC to 100MHz
0.3
<0.8
<0.8
<1.0
deg
DG1
Differential Gain
RL =150Ω, 3.58MHz
0.03
<0.07
<0.06
<0.06
%
DG2
RL =150Ω, 4.43MHz
0.03
<0.07
<0.06
<0.06
%
DP1
Differential Phase
RL =150Ω, 3.58MHz
0.01
<0.02
<0.02
<0.02
deg
DP2
RL =150Ω, 4.43MHz
0.01
<0.02
<0.02
<0.02
deg
Time Domain Response
TRS
Rise and Fall Time
2V Step
1.3
<1.6
<1.6
<1.6
ns
5V Step
3.5
<4.2
<4.2
<4.6
ns
TS
Settling Time to ±0.1%
2V Step
8
<12
<12
<12
ns
OS
Overshoot
2V Step
5
<15
<18
<18
%
SR
Slew Rate
1200
>1000
>1000
>1000
V/µs
Distortion And Noise Response
HD2L
2nd Harmonic Distortion
2VPP, 5MHz
−86
<
−78
<
−81
<
−81
dBc
HD2
2VPP, 20MHz
−65
<
−56
<
−56
<
−56
dBc
HD2H
2VPP, 60MHz
−49
<
−41
<
−44
<
−44
dBc
HD3L
3rd Harmonic Distortion
2VPP, 5MHz
−84
<
−76
<
−76
<
−76
dBc
HD3
2VPP, 20MHz
−72
<
−65
<
−65
<
−65
dBc
HD3H
2VPP, 60MHz
−59
<
−52
<
−52
<
−52
dBc
Equivalent Input Noise
VN
Non-Inverting Voltage
>1MHz
2.2
<2.8
<2.8
<3.1
nV/
√Hz
ICN
Inverting Current
>1MHz
14.3
<18
<18
<20
pA/
√Hz
NCN
Non-Inverting Current
>1MHz
3.2
<4.0
<4.0
<4.5
pA/
√Hz
SNF
Total Noise Floor
>1MHz
−157
<
−155
<
−155
<
−154
dBm1Hz
INV
Total Integrated Noise
1MHz to 150MHz
38
<47
<47
<52
µV
Static, DC Performance
VIO
Input Offset Voltage(2)
0.5
<8.5
<4.5
<9.5
mV
DVIO
Average Temperature Coefficient
25
<50
-
<50
µV/°C
IBN
Input Bias Current(2)
Non Inverting
10
<44
<22
<22
µA
DIBN
100
<275
-
<125
nA/°C
IBI
Input Bias Current(2)
Inverting
10
<36
<20
<30
µA
DIBI
Average Temperature Coefficient
100
<200
-
<100
nA/°C
PSRR
Power Supply Rejection Ratio
50
>45
>45
>45
dB
CMRR
Common Mode Rejection Ratio
50
>45
>45
>45
dB
ICC
Supply Current(2)
No Load
13.5
<14.2
<14.2
<14.2
mA
(1)
Max/min ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality
levels are determined from tested parameters.
(2)
AJ-level: spec. is 100% tested at +25°C.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CLC409



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com