Electronic Components Datasheet Search
  English  ▼

X  

CLC409 Datasheet(PDF) 5 Page - Texas Instruments

Part # CLC409
Description  Very Wideband, Low Distortion Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC409 Datasheet(HTML) 5 Page - Texas Instruments

  CLC409 Datasheet HTML 1Page - Texas Instruments CLC409 Datasheet HTML 2Page - Texas Instruments CLC409 Datasheet HTML 3Page - Texas Instruments CLC409 Datasheet HTML 4Page - Texas Instruments CLC409 Datasheet HTML 5Page - Texas Instruments CLC409 Datasheet HTML 6Page - Texas Instruments CLC409 Datasheet HTML 7Page - Texas Instruments CLC409 Datasheet HTML 8Page - Texas Instruments CLC409 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
OBSOLETE
CLC409
www.ti.com
SNOS853E – AUGUST 2000 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS
(TA = 25°C, AV = +6, VCC = ±5V, RL = 100Ω, Rf = 500Ω; Unless Specified).
Non-Inverting Frequency Response
Inverting Frequency Response
Figure 4.
Figure 5.
Frequency Response for Various RLS
Small Signal Pulse Response
Figure 6.
Figure 7.
Short-Term Settling Response
Long-Term Settling Time
Figure 8.
Figure 9.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CLC409



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com