Electronic Components Datasheet Search
  English  ▼

X  

CLC409 Datasheet(PDF) 4 Page - Texas Instruments

Part # CLC409
Description  Very Wideband, Low Distortion Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC409 Datasheet(HTML) 4 Page - Texas Instruments

  CLC409 Datasheet HTML 1Page - Texas Instruments CLC409 Datasheet HTML 2Page - Texas Instruments CLC409 Datasheet HTML 3Page - Texas Instruments CLC409 Datasheet HTML 4Page - Texas Instruments CLC409 Datasheet HTML 5Page - Texas Instruments CLC409 Datasheet HTML 6Page - Texas Instruments CLC409 Datasheet HTML 7Page - Texas Instruments CLC409 Datasheet HTML 8Page - Texas Instruments CLC409 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
OBSOLETE
CLC409
SNOS853E – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
AV = +2, VCC = ± 5V, RL = 100Ω, Rf = 250Ω; unless specified
Symbol
Parameter
Conditions
Typ
Max/Min(1)
Units
Miscellaneous Performance
RIN
Non-Inverting Input Resistance
1000
>250
>500
>1000
k
Ω
CIN
Non-Inverting Input Capacitance
1
<2
<2
<2
pF
RO
Output Impedance
DC
0.1
<0.3
<0.2
<0.2
Ω
VO
Output Voltage Range
RL = 100Ω
±3.5
>±3.0
>±3.2
>±3.2
V
CMIR
Common Mode Input Range
±2.2
±1.5
±2.0
±2.0
V
IO
Output Current
60
36
50
50
mA
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: CLC409



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com