Electronic Components Datasheet Search
  English  ▼

X  

CLC410 Datasheet(PDF) 11 Page - Texas Instruments

Part # CLC410
Description  Fast Settling, Video Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC410 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CLC410 Datasheet HTML 7Page - Texas Instruments CLC410 Datasheet HTML 8Page - Texas Instruments CLC410 Datasheet HTML 9Page - Texas Instruments CLC410 Datasheet HTML 10Page - Texas Instruments CLC410 Datasheet HTML 11Page - Texas Instruments CLC410 Datasheet HTML 12Page - Texas Instruments CLC410 Datasheet HTML 13Page - Texas Instruments CLC410 Datasheet HTML 14Page - Texas Instruments CLC410 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
OBSOLETE
CLC410
www.ti.com
SNOS854D – AUGUST 2000 – REVISED APRIL 2013
During disable, supply current drops to approximately 4mA and the inverting input and output pin impedances
become 200k
Ω‖0.5pF each. The total impedance that a disabled amplifier and its associated feedback network
presents to the analog bus is determined from Figure 24. For example, at a non-inverting gain of 1, the output
impedance at video frequencies is 100k
Ω‖1pF since the 250Ω feedback resistor is a negligible impedance.
Similarly, output impedance is 500
Ω‖0.5pF at a non-inverting gain of 2 (with Rf = Rg = 250Ω).
Figure 24.
DIFFERENTIAL GAIN AND PHASE
Plots on the preceding page illustrate the differential gain and phase performance of the CLC410 at both
3.58MHz and 4.43MHz. Application Note OA-08 presents a measurement technique for measuring the very low
differential gain and phase of the CLC410. Observe that the gain and phase errors remain low even as the
output loading increases, making the device attractive for driving multiple video outputs.
UNDERSTANDING THE LOOP GAIN
The CLC410 is a current-feedback op amp. Referring to the equivalent circuit of Figure 26, any current flowing in
the inverting input is amplified to a voltage at the output through the transimpedance gain shown below. This Z(s)
is analogous to the open-loop gain of a voltage feedback amplifier.
Figure 25. Open-Loop Transimpedance Gain, Z(s)
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: CLC410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com