Electronic Components Datasheet Search
  English  ▼

X  

CLC410 Datasheet(PDF) 13 Page - Texas Instruments

Part # CLC410
Description  Fast Settling, Video Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLC410 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CLC410 Datasheet HTML 8Page - Texas Instruments CLC410 Datasheet HTML 9Page - Texas Instruments CLC410 Datasheet HTML 10Page - Texas Instruments CLC410 Datasheet HTML 11Page - Texas Instruments CLC410 Datasheet HTML 12Page - Texas Instruments CLC410 Datasheet HTML 13Page - Texas Instruments CLC410 Datasheet HTML 14Page - Texas Instruments CLC410 Datasheet HTML 15Page - Texas Instruments CLC410 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
OBSOLETE
CLC410
www.ti.com
SNOS854D – AUGUST 2000 – REVISED APRIL 2013
where
•
AVis the non-inverting gain
(3)
Note that with AV = +2 we get the specified Rf = 250Ω, while at higher gains, a lower value gives stable
performance with improved bandwidth.
DC ACCURACY AND NOISE
Since the two inputs for the CLC410 are quite dissimilar, the noise and offset error performance differs somewhat
from that of a standard differential input amplifier. Specifically, the inverting input current noise is much larger
than the non-inverting current noise. Also the two input bias currents are physically unrelated rendering bias
current cancellation through matching of the inverting and non-inverting pin resistors ineffective.
In Equation 4, the output offset is the algebraic sum of the equivalent input voltage and current sources that
influence DC operation. Output noise is determined similarly except that a root-sum-of-squares replaces the
algebraic sum. Rs is the non-inverting pin resistance.
Equation
Output Offset VO=±IBN× RS(1+Rf/Rg)± VIO (1+Rf/Rg)±IBI× Rf
(4)
An important observation is that for fixed Rf, offsets as referred to the input improve as the gain is increased
(divide all terms by 1+Rf/Rg). A similar result is obtained for noise where noise figure improves as a gain
increases.
The input noise plot shown in the CLC400 datasheet applies equally as well to the CLC410.
CAPACITIVE FEEDBACK
Capacitive feedback should not be used with the CLC410 because of the potential for loop instability. See
Application Note OA-7 for active filter realizations with the CLC410.
OFFSET ADJUSTMENT PIN
Pin 1 can be connected to a potentiometer as shown in Figure 19 and used to adjust the input offset of the
CLC410. Full range adjustment of ±5V on pin 1 will yield a ±10mV input offset adjustment range. Pin 1 should
always be bypassed to ground with a ceramic capacitor located close to the package for best settling
performance.
PRINTED CIRCUIT LAYOUT
As with any high frequency device, a good PCB layout will enhance performance. Ground plane construction and
good power supply bypassing close to the package are critical to achieving full performance. In the non-inverting
configuration, the amplifier is sensitive to stray capacitance to ground at the inverting input. Hence, the inverting
node connections should be small with minimal coupling to the ground plane. Shunt capacitance across the
feedback resistor should not be used to compensate for this effect.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: CLC410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com