Electronic Components Datasheet Search
  English  ▼

X  

FPD87352 Datasheet(PDF) 3 Page - Texas Instruments

Part # FPD87352
Description  TFT-LCD Timing Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FPD87352 Datasheet(HTML) 3 Page - Texas Instruments

  FPD87352 Datasheet HTML 1Page - Texas Instruments FPD87352 Datasheet HTML 2Page - Texas Instruments FPD87352 Datasheet HTML 3Page - Texas Instruments FPD87352 Datasheet HTML 4Page - Texas Instruments FPD87352 Datasheet HTML 5Page - Texas Instruments FPD87352 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Vertical and
Horizontal
LCD
Timing
Control
SWAP
FRC
Clock and
Data
Synchronizer
RSDS
Interface
with
Skew
Control
RTC
Data
Processor
Frame Memory
(64 Mb SDRAM)
DE
Filter
SSC
Internal
ROM
LUT
Register
2-wire serial
EEPROM
Interface
FPD-Link
Receiver
RxIN0P/N
RxIN1P/N
RxIN2P/N
RxIN3P/N
RxCLKP/N
RESETN
TEST
Control Options
SSCKO
SSCKI
SSCTR
SCL
SDA
RSF/BR[3:0]P/N
RGB
data
RSKEW[2:0]
PI
RSF/BG[3:0]P/N
RSF/BB[3:0]P/N
RSF/BCKP/N
TP
POL
F/BSTH
CPV
OE
STV
RVC
RGB
data
DE
DCLK
DE_in
DCLK_in
DATA_in
MCLK, RAM interface
Mth frame RGB data
M-1th frame
RGB data
Mth frame
RGB data
DCLK, SYNC, DE
OBSOLETE
FPD87352
www.ti.com
SNOSAG3C – JULY 2004 – REVISED APRIL 2013
Block Diagram
Figure 2. Block Diagram
Function Description
FPD-LINK RECEIVER
The LVDS based FPD-Link Receiver receives input video data and control timing. Four LVDS channels plus
clock provide 24-bit color.
RESETN initializes the chip with the default register values for the LUT values from internal ROM or external
EEPROM.
SSC (SPREAD SPECTRUM CONTROL)
This SSC function provides a means for reducing EMI. This feature uses external SSC signal source that
provides synchronized spread spectrum for RSDS and control signal outputs.
2-WIRE SERIAL EEPROM INTERFACE
The Serial EEPROM Interface controls the FPD87352CXA initialization of LUT register. If the EEPROM is not
present, the LUT value is provided by internal ROM of FPD87352CXA.
CLK & DATA SYNCHRONIZER
This function delays and aligns data to match the internal data process which included RSDS skew control by
RSKEW[2:0]. All the data processes are needed to be aligned each data path through RSDS output and LCD
timing control signal.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: FPD87352



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com