Electronic Components Datasheet Search
  English  ▼

X  

FPD87352 Datasheet(PDF) 4 Page - Texas Instruments

Part # FPD87352
Description  TFT-LCD Timing Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FPD87352 Datasheet(HTML) 4 Page - Texas Instruments

  FPD87352 Datasheet HTML 1Page - Texas Instruments FPD87352 Datasheet HTML 2Page - Texas Instruments FPD87352 Datasheet HTML 3Page - Texas Instruments FPD87352 Datasheet HTML 4Page - Texas Instruments FPD87352 Datasheet HTML 5Page - Texas Instruments FPD87352 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
OBSOLETE
FPD87352
SNOSAG3C – JULY 2004 – REVISED APRIL 2013
www.ti.com
LUT REGISTER
This block provides the RTC reference values to be processed on the RTC Data Processor Block. The setting of
RTC reference values is provided by the external EEPROM in normal condition. If the external EEPROM is not
present it will use the internal ROM's RTC reference values. The RTC reference values are the new gray values
depending on the difference between the current frames' RGB gray data and the previous frame's RGB gray data
of same pixel.
RTC DATA PROCESSOR
This function generates new gray values depending on the difference of the current RGB gray data and same
pixel of the previous frame. The reference values fetch from the LUT (Look Up Table) values in the LUT
Register.
RSDS INTERFACE WITH SKEW CONTROL
This functional block transforms CMOS level signal to RSDS for the system clock (DCLK) and RGB color data.
The
RSDS
skew
is
controlled
by
RSKEW[2:0]
with
delay
steps
between
the
RSF/BCKP/N
and
RSF/BR/G/B[3:0]P/N which is implemented in CLK & Data synchronizer.
VERTICAL & HORIZONTAL LCD TIMING CONTROL
This function block generates the TTL(CMOS) level signal for the interface of column drivers and row drivers in
the LCD system. All signals are synchronized by RSF/BCKP/N which is RSDS data clock for the column drivers.
The clock skew control must not change the typical timing of TTL(CMOS) level signals.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: FPD87352



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com