Electronic Components Datasheet Search
  English  ▼

X  

MR2011S Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MR2011S
Description  Ultra-Wide Input, 20W Compact, Railway DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MR2011S Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MR2011S Datasheet HTML 1Page - MicroPower Direct, LLC MR2011S Datasheet HTML 2Page - MicroPower Direct, LLC MR2011S Datasheet HTML 3Page - MicroPower Direct, LLC MR2011S Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
www.micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
Notes:
1. When measuring output ripple, it is recommended that an external ceramic capacitor
(approx 10 µF) be placed from the +VOUT to the -VOUT pins.
2. Transient recovery is measured to within a 1% error band for a load step change
of 25%.
3. Short circuit protection is provided by a “hiccup mode” circuit.
4. The maximum control current at the on/off pin (pin 6) during a logic high is 50 µA.The
maximum control current to the on/off pin at logic low (-0.7V to 0.8V) is 1 mA. If the
on/off pin is left open, the unit operates. If it is grounded, the unit will shut off.
5. These units should not be operated with a load under 5% of full load.Operation at no-load
will not damage the unit, but they may not meet all specifications.
6. These units should not be operated over +85°C.Exceeding +85°C may damage the unit.
7. It is recommended that a fuse be used on the input of a power supply for protection. See
the Model Selection table above for the correct rating.
Model
Number
Input
Output
Efficiency
(%, Typ)
Over
Voltage
Protection
(VDC Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MR2011S-05RU
110
40 - 160
204
15
5.0
4,000
200
89
6.2
4,020
400
MR2011S-12RU
110
40 - 160
206
8
12.0
1,667
83
88
15.0
1,600
400
MR2011S-15RU
110
40 - 160
206
8
15.0
1,333
67
88
18.0
1,000
400
MR2011S-24RU
110
40 - 160
206
8
24.0
833
42
88
28.8
470
400
Derating Curve
External Trim
Parameter
Output Voltage (VDC)
5.0
12
15
24
R1 (k )
2.883
10.971
14.497
24.872
R2 (k )
2.864
2.864
2.864
2.864
R3 (k )
10.00
17.80
17.80
20.00
VREF (V)
2.50
2.50
2.50
2.50
External Trim Notes:
An external resistor can be used to adjust the converter output up/down by about
10%. The connection is shown in the diagram at left. The required resistor value
is calculated by the formulas:
Where RTRIM = The value of the external trim resistor
VTRIM = The amount of voltage adjustment required
The value of R1, R2, R3 and VREF are given in the table below.
Trim Down = RTRIM =
R1 - A
A
$ R1 -R
3
Where A =
VREF
VTRIM - VREF $R
2
Trim UP = RTRIM =
R2 - A
A
$ R2 -R
3
Where A =
VTRIM - VREF
VREF
$ R1
If not used
Efficiency vs Input Voltage (Full Load)
Efficiency vs Output Power (VIN = 110 VDC)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com