Electronic Components Datasheet Search
  English  ▼

X  

MR2011S Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MR2011S
Description  Ultra-Wide Input, 20W Compact, Railway DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MR2011S Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MR2011S Datasheet HTML 1Page - MicroPower Direct, LLC MR2011S Datasheet HTML 2Page - MicroPower Direct, LLC MR2011S Datasheet HTML 3Page - MicroPower Direct, LLC MR2011S Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
• 20W Output Power
• 40 -160 VDC Input Range
• 1,500 VDC Isolation
• Efficiency to 89%
• Compact 1 x 2 Inch Case
• -40°C to +85°C Operation
• Industry Standard Pin-Out
• Chassis Mount Option
• DIN Rail Mount Option
MR2011S
Ultra-Wide Input, 20W
Compact, Railway
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
40.0
110.0
160.0
VDC
Input Start Voltage
39.8
VDC
Under Voltage Shutdown
IOUT = 100%
36.0
VDC
Input Filter
(Pi) Filter
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Output Trim Range
±10
%
Line Regulation
VIN = Min to Max
±0.2
±0.5
%
Load Regulation
IOUT = 10% to 100%
±0.5
±1.0
%
Ripple & Noise (20 MHz)
See Note 1
75
100
mV P - P
Transient Recovery Time, See Note 2
25% Load Step Change
500
800
µSec
Transient Response Deviation
±3.0
±5.0
%
Output Power Protection
110
130
170
%
Temperature Coefficient
±0.02
%/°C
Output Short Circuit, See Note 3
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz/0.1V
2,000
pF
Switching Frequency
300
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Case
+105
Storage Temperature Range
-55
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagram (Page 4)
Case Material
Aluminum Alloy With Non-Conductive Base (UL94-V0)
Weight
0.99 Oz (28g)
Remote On/Off
Parameter
Conditions
Min.
Typ.
Max.
Units
Unit On
See Note 4
2.5
12.0
VDC
Unit Off
See Note 4
0
1.2
VDC
Off Idle Current
1.0
mA
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.0
MHours
Vibration, 5 - 150 Hz
Displacement Range
7.5 mm
Acceleration
2G
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
-0.7
200.0
VDC
Lead Temperature
1.5 mm From Case for 10 Sec
300
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Series


Similar Part No. - MR2011S

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MR2010 DIGITRON-MR2010 Datasheet
288Kb / 4P
MEDIUM CURRENT SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
MR2010S NJSEMI-MR2010S Datasheet
85Kb / 1P
MEDIUM-CURRENT SILICON RECTIFIERS
More results

Similar Description - MR2011S

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
I2000RW MPD-I2000RW Datasheet
230Kb / 2P
Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
MR50-72S05RW MPD-MR50-72S05RW Datasheet
768Kb / 4P
Compact, 50W Wide Input Railway DC/DC Converter
MR75-72S05RW MPD-MR75-72S05RW Datasheet
836Kb / 4P
Compact, 75W Wide Input Railway DC/DC Converter
MR0611S MPD-MR0611S Datasheet
1Mb / 4P
Ultra-Wide Input, 6W Miniature, Railway DC/DC Converters
MR0802S-03RUI MPD-MR0802S-03RUI Datasheet
569Kb / 2P
Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Converters
MR1011S MPD-MR1011S Datasheet
720Kb / 4P
Ultra-Wide Input, 10W Compact, Railway DC/DC Converters
MR1511S MPD-MR1511S Datasheet
859Kb / 4P
Ultra-Wide Input, 15W Compact, Railway DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC Datasheet
199Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP20DB TOPPOWER-TP20DB Datasheet
388Kb / 2P
20W 1.5KVDC Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com