Electronic Components Datasheet Search
  English  ▼

X  

MR2011S Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MR2011S
Description  Ultra-Wide Input, 20W Compact, Railway DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MR2011S Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MR2011S Datasheet HTML 1Page - MicroPower Direct, LLC MR2011S Datasheet HTML 2Page - MicroPower Direct, LLC MR2011S Datasheet HTML 3Page - MicroPower Direct, LLC MR2011S Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct • 292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
www.micropowerdirect.com
www.micropowerdirect.com
EMC Specifications
Parameter
Standard
Criteria
Specification
Transient Input Voltage
See Note 1
RIA 12
A
385V/20 mS
Maximum Input Voltage See Note 1
EN 50155
B
1,800V (5/50 µS, 50 or 100
B
8,400V (0.05/0.1 µS, 100
Radiated Emissions
See Note 2
EN 55022
Class B
Conducted Emissions
See Note 2
EN 55022
Class B
ESD
EN 61000-4-2
B
±4 kV Contact
RS
EN 61000-4-3
A
10V/m
EFT
See Note 3
EN 61000-4-4
B
±4 kV
Surge
See Note 4
EN 61000-4-5
B
±2 kV/±4 kV
CS
EN 61000-4-6
A
3 Vrms
Voltage Dips
EN 61000-4-29
B
0% - 70%
Typical Connection
The diagram above illustrates a typical connection of the MR2011S series.The
MDCFM-40U filter module is used to make the circuit compliant with input
surge and EMC standards EN 55022, EN 61000 and EN 50155.This can also be
accomplished by using external filter components as shown in the board layout
drawing below. Some notes on these components are:
1. It is recommended that an external fuse be used. The recommended fuse is
shown in the model chart on page 2.
2. An external MOV is recommended on the input to protect the unit in the event
of a surge. A recommended value is given in the table at right.
3. An external TVS is recommended on the input to protect the unit in the event
of a voltage spike. A recommended value is given in the table at right.
4. The output filtering capacitor (C3) is a high frequency,low resistance electrolytic
capacitor. Care must be taken in choosing this capacitor not to exceed the
capacitive load specification for the unit.Voltage derating of capacitors should
be 80% or above.
Notes:
1. With a pulse interval that is >60S. Requires the addition of the filter module
MDCFM-40U (or a similar discrete circuit) as shown in the circuit/board
layout diagrams below. Contact the factory for more information.
2. All units will meet class B with the addition of the filter module MDCFM-40U
(or a similar discrete circuit) as shown in the circuit/board layout diagrams
below. Contact the factory for more information.
3. To meet the requirements of EN 61000-4-4 (±4 kV), external components are
needed.This can be done discretely, or with the addition of the MDCFM-40U.
Contact the factory for more information.
4. To meet the requirements of EN 61000-4-5 (±2 kV/ ±4 kV ),external components
are needed.This can be done discretely,or with the addition of the MDCFM-40U.
Contact the factory for more information.
Typical Board Layout: With External Filter/Surge Components
5. Suggested component values are:
Component
Value
MOV
S14K35
L1
56 µH
TVS
SMCJ170
C1
100 µF/200V
C3
1.0 µF/50V
L2
4.7 µH
CY1, CY2
1,000 pF/2 kV
6. Input noise and surge suppression modules are available for a
number of MPD DC/DC power supplies. For use with the MRxxS
product series, the MDCFM-40U DC filter module is recom-
Typical Board Layout: With External Filter Module
Vin
(VDC)
Input
Capacitor
Vout
(VDC)
Output
Capacitor
110
100 µF
5.0
470 µF
12
220 µF
15
220 µF
24
100 µF
mended. A typical board layout with this module is shown in the figure
below. For pricing or full technical information on these modules please
contact the factory.
7. In many applications,
simply adding input/out-
put capacitors will en-
hance the input surge
protection & and reduce
output ripple sufficiently.
In this case, capacitors
C1 and C3 would be
connected as shown, without the other filter components. Recom-
mended capacitor values are given in the table above.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com