Electronic Components Datasheet Search
  English  ▼

X  

TMDS181 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS181
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMDS181 Datasheet HTML 32Page - Texas Instruments TMDS181 Datasheet HTML 33Page - Texas Instruments TMDS181 Datasheet HTML 34Page - Texas Instruments TMDS181 Datasheet HTML 35Page - Texas Instruments TMDS181 Datasheet HTML 36Page - Texas Instruments TMDS181 Datasheet HTML 37Page - Texas Instruments TMDS181 Datasheet HTML 38Page - Texas Instruments TMDS181 Datasheet HTML 39Page - Texas Instruments TMDS181 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
TMDS181, TMDS181I
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
www.ti.com
8.5.3.3 Equalization Control Register
Table 7. Equalization Control Register Field Descriptions
ADDRESS
BITS
DEFAULT DESCRIPTION
ACCESS
0Dh
7:6
2’b00
Reserved
R
5:3
1’b000
Data lane EQ – Sets fixed EQ values
RW
HDMI1.x
HDMI2.0a
000 – 0 dB (default)
000 – 0 dB (default)
001 – 4.5 dB
001 – 3 dB
010 – 6.5 dB
010 – 5 dB
011 – 8.5 dB
011 – 7.5 dB
100 – 10.5 dB
100 – 9.5 dB
101 – 12 dB
101 – 11 dB
110 – 14 dB
110 – 13 dB
111 – 16.5 dB
111 – 14.5 dB
2:1
1’b00
Clock lane EQ - Sets fixed EQ values
RW
HDMI1.x
HDMI2.0a
00 – 0 dB (default)
00 – 0 dB (default)
01 – 1.5 dB
01 – 1.5 dB
10 – 3 dB
10 – 3 dB
11 – RSVD
11 – 4.5 dB
0
1’b0
DIS_HDMI2_SWG:
RW
0 – Clock VOD is half of set values when TMDS_CLOCK_RATIO_STATUS states
in HDMI2.0a mode (default)
1 – Disables TMDS_CLOCK_RATIO_STATUS control of the clock VOD so output
swing is at full swing.
36
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com