Electronic Components Datasheet Search
  English  ▼

X  

TMDS181 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS181
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMDS181 Datasheet HTML 9Page - Texas Instruments TMDS181 Datasheet HTML 10Page - Texas Instruments TMDS181 Datasheet HTML 11Page - Texas Instruments TMDS181 Datasheet HTML 12Page - Texas Instruments TMDS181 Datasheet HTML 13Page - Texas Instruments TMDS181 Datasheet HTML 14Page - Texas Instruments TMDS181 Datasheet HTML 15Page - Texas Instruments TMDS181 Datasheet HTML 16Page - Texas Instruments TMDS181 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
TMDS181, TMDS181I
www.ti.com
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
TMDS Switching Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
tJITC1(2.0)
DR = 6 Gbps: CLK = 150 MHz
0.3
Tbit
3.4 Gbps < Rbit ≤ 3.712 Gps
TX_TERM_CTL = NC; PRE_SEL = NC;
0.4
OE = H
3.712 Gbps < Rbit < 5.94 Gbps
–0.0332Rbit
2 +
Total output data jitter
tJITD2
TX_TERM_CTL = NC; PRE_SEL = NC;
0.2312Rbit +
Tbit
See Figure 14
OE = H
0.1998
5.94 Gbps
≤ Rbit ≤ 6.0 Gbps
TX_TERM_CTL = NC; PRE_SEL = NC;
0.6
OE = H
6.11 HPD Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
tPD(HPD)
Propagation delay from HPD_SNK to
See Figure 16; not valid during
40
120
ns
HPD_SRC; rising edge and falling edge(2)
switching time
tT(HPD)
HPD logical disconnected timeout
See Figure 17
2
ms
(1)
The typical rating is simulated at 3.3 V VCC and 1.2 V VDD and at 27°C unless otherwise noted
(2)
The maximum rating is simulated at 3.465 V VCC and 1.27 V VDD and at 85°C unless otherwise noted
6.12 DDC and I
2C Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time of both SDA and SCL signals
VCC = 3.3 V
300
ns
tf
Fall time of both SDA and SCL signals
300
ns
tHIGH
Pulse duration, SCL high
0.6
μs
tLOW
Pulse duration, SCL low
1.3
μs
tSU1
Setup time, SDA to SCL
100
ns
tST, STA
Setup time, SCL to start condition
0.6
μs
tHD,STA
Hold time, start condition to SCL
0.6
μs
tST,STO
Setup time, SCL to stop condition
0.6
μs
t(BUF)
Bus free time between stop and start condition
1.3
μs
Source to sink: 100kbps pattern;
tPLH1
Propagation delay time, low-to-high-level output
360
ns
Cb(Sink) = 400 pF(1); see Figure 20
tPHL1
Propagation delay time, high-to-low-level output
230
ns
Sink to source: 100kbps pattern;
tPLH2
Propagation delay time, low-to-high-level output
250
ns
Cb(Source) = 100 pF(1); see Figure 21
tPHL2
Propagation delay time, high-to-low-level output
200
ns
(1)
Cb = total capacitance of one bus line in pF.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com