Electronic Components Datasheet Search
  English  ▼

X  

TMDS181 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS181
Description  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMDS181 Datasheet HTML 4Page - Texas Instruments TMDS181 Datasheet HTML 5Page - Texas Instruments TMDS181 Datasheet HTML 6Page - Texas Instruments TMDS181 Datasheet HTML 7Page - Texas Instruments TMDS181 Datasheet HTML 8Page - Texas Instruments TMDS181 Datasheet HTML 9Page - Texas Instruments TMDS181 Datasheet HTML 10Page - Texas Instruments TMDS181 Datasheet HTML 11Page - Texas Instruments TMDS181 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
TMDS181, TMDS181I
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
www.ti.com
6.6 TMDS Differential Input Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
DR_RX_DATA_R TMDS data lanes data rate
0.25
6
Gbps
T
(Retimer Mode)
DR_RX_DATA_R TMDS data lanes data rate
0.25
3.4
Gbps
D
(Redriver Mode)
DR_RX_CLK
TMDS clock lanes clock rate
25
340
MHz
tRX_DUTY
Input clock duty circle
40%
50%
60%
tCLK_JIT
Input clock jitter tolerance
0.3
Tbit
tDATA_JIT
Input data jitter tolerance
Test the TTP2, see Figure 12
150
ps
Test at TTP2 when DR = 1.6 Gbps, see
tRX_INTRA
Input intrapair skew tolerance
112
ps
Figure 12
tRX_INTER
Input interpair skew tolerance
1.8
ns
Fixed EQ gain for data lane
EQ_SEL/A0 = H; fixed EQ gain, test at 6
EQH(D)
15
dB
IN_D(0,1,2)n/p
Gbps
Fixed EQ gain for data lane
EQ_SEL/A0 = L; fixed EQ gain, test at 6
EQL(D)
7.5
dB
IN_D(0,1,2)n/p
Gbps
Adaptive EQ gain for data lane
EQ_SEL/A0 = NC; adaptive EQ
EQZ(D)
2
15
dB
IN_D(0,1,2)n/p
(Retimer Mode Only)
EQ(c)
EQ gain for clock lane IN_CLKn/p
EQ_SEL/A0 = H,L,NC
3
dB
Input differential termination
RINT
85
100
115
Ω
impedance
VITERM
Input termination voltage
OE = H
3.3
3.465
V
(1)
The typical rating is simulated at 3.3 V VCC and 1.2 V VDD and at 27°C unless otherwise noted
(2)
The maximum rating is simulated at 3.465 V VCC and 1.27 V VDD and at 85°C unless otherwise noted
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com