Electronic Components Datasheet Search
  English  ▼

X  

UCS2112 Datasheet(PDF) 31 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 31 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 27Page - Microchip Technology UCS2112 Datasheet HTML 28Page - Microchip Technology UCS2112 Datasheet HTML 29Page - Microchip Technology UCS2112 Datasheet HTML 30Page - Microchip Technology UCS2112 Datasheet HTML 31Page - Microchip Technology UCS2112 Datasheet HTML 32Page - Microchip Technology UCS2112 Datasheet HTML 33Page - Microchip Technology UCS2112 Datasheet HTML 34Page - Microchip Technology UCS2112 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
 2015 Microchip Technology Inc.
DS20005424B-page 31
UCS2112
7.5
Charge Rationing Interactions
When charge rationing is active, regardless of the
specified behavior, the UCS2112 will function normally
until the charge rationing threshold is reached. Note
that charge rationing is only active when the UCS2112
is in the Active state, and it does not automatically
reset when a Removal or Attach Detection event
occurs. This allows charging of sequential portable
devices while charge is being rationed, which means
that the accumulated power given to several portable
devices will still be held to the stated rationing limit.
Changing the charge rationing behavior will have no
effect on the charge rationing data registers. If the
behavior is changed prior to reaching the charge
rationing threshold, this change will occur and be trans-
parent to the user. When the charge rationing threshold
is reached, the UCS2112 will take action as shown in
Table 7-2. If the behavior is changed after the charge
rationing threshold has been reached, the UCS2112
will immediately adopt the newly programmed behav-
ior, clearing the ALERT# pin and restoring switch
operation respectively (see Table 7-4).
TABLE 7-2:
CHARGE RATIONING BEHAVIOR
RATION_BEH
(1 or 2) <1:0>
Behavior
Actions taken
Notes
10
00
Report
ALERT# pin asserted.
01
Report and
Disconnect
(default)
1.
ALERT# pin asserted.
2.
Port power switch dis-
connected.
All bus monitoring is still active.
Toggling the PWR_EN control will cause the
device to change power states as defined by the
registers; however, the port power switch will
remain off until the rationing circuitry is reset. Fur-
thermore, the bypass switch will not be turned on if
enabled via the Attach Detection.
10
Disconnect
and
Go to Sleep
1.
Port power switch dis-
connected.
2.
Device will enter the
Sleep state.
All VBUS and VS monitoring will be stopped.
Toggling the PWR_EN control will have no effect
on the power state until the rationing circuitry is
reset.
11
Ignore
Take no further action.
TABLE 7-3:
CHARGE RATIONING RESET BEHAVIOR
Behavior
Reset Actions
Report
1.
Reset the Total Accumulated Charge registers.
2.
Clear the RATION status bit.
3.
Release the ALERT# pin.
Report and Disconnect
1.
Reset the Total Accumulated Charge registers.
2.
Clear the RATION status bit.
3.
Release the ALERT# pin.
4.
Check the PWR_EN controls and enter the indicated power state if the controls
changed.
Disconnect and
Go to Sleep
1.
Reset the Total Accumulated Charge registers.
2.
Clear the RATION status bit.
3.
Check the PWR_EN controls and enter the indicated power state if the controls
changed.
Ignore
1.
Reset the Total Accumulated Charge registers.
2.
Clear the RATION status bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com