Electronic Components Datasheet Search
  English  ▼

X  

UCS2112 Datasheet(PDF) 5 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 5 Page - Microchip Technology

  UCS2112 Datasheet HTML 1Page - Microchip Technology UCS2112 Datasheet HTML 2Page - Microchip Technology UCS2112 Datasheet HTML 3Page - Microchip Technology UCS2112 Datasheet HTML 4Page - Microchip Technology UCS2112 Datasheet HTML 5Page - Microchip Technology UCS2112 Datasheet HTML 6Page - Microchip Technology UCS2112 Datasheet HTML 7Page - Microchip Technology UCS2112 Datasheet HTML 8Page - Microchip Technology UCS2112 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
 2015 Microchip Technology Inc.
DS20005424B-page 5
UCS2112
Port Power Switch
Port Power Switch - DC Parameter
Overvoltage Lockout
VS_OV
—6
—
V
Note 2
VS Low Threshold
VS_UVLO
—2.5
—
V
Note 2
VS Low Hysteresis
VS_UVLO_HYST
—
100
—
mV
Note 2
On Resistance
RON_PSW
—40
—
m
4.75V < VS < 5.25V
VS Leakage Current
ILEAK_VS
—
—
5
µA
Sleep state into VS pin on one
channel (Note 1)
Back-voltage Protection
Threshold
VBV_TH
—
150
—
mV
VBUS > VS
VS > VS_UVLO
Back-drive Current
IBD_1
—0
3
µA
VDD < VDD_TH,
Leakage current from VBUS pins
to the VDD and the VS pins
(Note 1)
IBD_2
—0
2
µA
VDD > VDD_TH,
Leakage current from VBUS pins
to the VDD (in Detect State) or
the VS pins (in Active State)
(Note 1)
Selectable Current Limits
ILIM1
—
530
—
mA
ILIM Resistor = 0 or 47 k
(530 mA setting)
ILIM2
—
960
—
mA
ILIM Resistor = 10 k or 56 k
(960 mA setting) (Note 4)
ILIM3
—
1070
—
mA
ILIM Resistor = 12 k or 68 k
(1070 mA setting) (Note 4)
ILIM4
—
1280
—
mA
ILIM Resistor = 15 k or 82 k
(1280 mA setting) (Note 4)
ILIM5
—
1600
—
mA
ILIM Resistor = 18 k or 100 k
(1600 mA setting) (Note 4)
ILIM6
—
2130
—
mA
ILIM Resistor = 22 k or 120 k
(2130 mA setting) (Note 4)
ILIM7
—
2670
—
mA
ILIM Resistor = 27 k or 150 k
(2670 mA setting) (Note 4)
ILIM8
3000
3200
3400
mA
ILIM Resistor = 33 k or VDD
(3200 mA setting)
Pin Wake Time
tPIN_WAKE
—3
—
ms
SMBus Wake Time
tSMB_WAKE
—4
—
ms
Idle Sleep Time
tIDLE_SLEEP
—
200
—
ms
Thermal Regulation Limit
TREG
—
110
—
°C
Die Temperature at which
current limit will be reduced
Thermal Regulation
Hysteresis
TREG_HYST
—
10
—
°C
Hysteresis for tREG functionality.
Temperature must drop by this
value before ILIM value restored
to normal operation
TABLE 1-2:
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics:
Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V,
VPULLUP = 3V to 5.5V, TA = -40°C to 105°C. All typical values at VDD = VS = 5V, TA = 27°C.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
Note
1:
This parameter is characterized, not 100% tested.
2:
This parameter is ensured by design and not 100% tested.
3:
The current measurement full scale range maximum value is 3.4A. However, the UCS2112 cannot report values above
ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM  1.6A).
4:
This parameter is characterized, not 100% production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com