Electronic Components Datasheet Search
  English  ▼

X  

UCS2112 Datasheet(PDF) 54 Page - Microchip Technology

Part # UCS2112
Description  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 Datasheet(HTML) 54 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 50Page - Microchip Technology UCS2112 Datasheet HTML 51Page - Microchip Technology UCS2112 Datasheet HTML 52Page - Microchip Technology UCS2112 Datasheet HTML 53Page - Microchip Technology UCS2112 Datasheet HTML 54Page - Microchip Technology UCS2112 Datasheet HTML 55Page - Microchip Technology UCS2112 Datasheet HTML 56Page - Microchip Technology UCS2112 Datasheet HTML 57Page - Microchip Technology UCS2112 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
UCS2112
DS20005424B-page 54
 2015 Microchip Technology Inc.
9.8
Current Limit Behavior Registers
The Current Limit Behavior register stores the values
used by the applied current limiting mode (trip or CC).
The contents of this register are not retained in Sleep.
REGISTER 9-17:
PORT 1 CURRENT LIMIT BEHAVIOR REGISTER (ADDRESS 23H)
R/W-1
R/W-0
U-0
R/W-1
R/W-0
R/W-1
R/W-1
R/W-0
SEL_VBUS1_MIN<1:0>
—
SEL_R2_IMIN1<2:0>
Reserved
Reserved
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
SEL_VBUS1_MIN<1:0>:
Define the VBUS_MIN voltage for port 1 as follows:
00
= 1.50V
01
=1.75V
10
=2.0V
11
=2.25V
bit 5
Unimplemented
bit 4-2
SEL_R2_IMIN1<2:0>:
Defines the IBUS_R2MIN current.
000
=100 mA
001
=530 mA
010
=960 mA
011
=1280 mA
100
=1600 mA
101
=2130 mA
bit 1-0
Reserved:
Do not change.
REGISTER 9-18:
PORT 2 CURRENT LIMIT BEHAVIOR REGISTER (ADDRESS 24H)
R/W-1
R/W-0
U-0
R/W-1
R/W-0
R/W-1
R/W-1
R/W-0
SEL_VBUS2_MIN<1:0>
—
SEL_R2_IMIN2_MIN<2:0>
Reserved
Reserved
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
SEL_VBUS2_MIN<1:0>:
Define the VBUS_MIN voltage for port 2 as follows:
00
= 1.50V
01
=1.75V
10
=2.0V
11
=2.25V
bit 5
Unimplemented
bit 4-2
SEL_R2_IMIN2_MIN<2:0>:
Defines the IBUS_R2MIN current.
000
=100 mA
001
=530 mA
010
=960 mA
011
=1280 mA
100
=1600 mA
101
=2130 mA
bit 1-0
Reserved
: Do not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com