Electronic Components Datasheet Search
  English  ▼

X  

LXT972ALC Datasheet(PDF) 13 Page - Intel Corporation

Part # LXT972ALC
Description  3.3V Dual-Speed Fast Ethernet Transceiver Datasheet
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT972ALC Datasheet(HTML) 13 Page - Intel Corporation

Back Button LXT972ALC Datasheet HTML 9Page - Intel Corporation LXT972ALC Datasheet HTML 10Page - Intel Corporation LXT972ALC Datasheet HTML 11Page - Intel Corporation LXT972ALC Datasheet HTML 12Page - Intel Corporation LXT972ALC Datasheet HTML 13Page - Intel Corporation LXT972ALC Datasheet HTML 14Page - Intel Corporation LXT972ALC Datasheet HTML 15Page - Intel Corporation LXT972ALC Datasheet HTML 16Page - Intel Corporation LXT972ALC Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
3.3V Dual-Speed Fast Ethernet Transceiver Datasheet — LXT972A
Datasheet
13
2.0
Signal Descriptions
Table 2.
LXT972A MII Signal Descriptions
LQFP
Pin#
Symbol
Type1
Signal Description
Data Interface Pins
60
59
58
57
TXD3
TXD2
TXD1
TXD0
I
Transmit Data. TXD is a bundle of parallel data signals that are driven by the MAC.
TXD<3:0> shall transition synchronously with respect to the TX_CLK. TXD<0> is the least
significant bit.
56
TX_EN
I
Transmit Enable. The MAC asserts this signal when it drives valid data on TXD. This
signal must be synchronized to TX_CLK.
55
TX_CLK
O
Transmit Clock. TX_CLK is sourced by the PHY in both 10 and 100Mbps operations. 2.5
MHz for 10Mbps operation, 25 MHz for 100Mbps operation.
45
46
47
48
RXD3
RXD2
RXD1
RXD0
O
Receive Data. RXD is a bundle of parallel signals that transition synchronously with
respect to the RX_CLK. RXD<0> is the least significant bit.
49
RX_DV
O
Receive Data Valid. The LXT972A asserts this signal when it drives valid data on RXD.
This output is synchronous to RX_CLK.
53
RX_ER
O
Receive Error. Signals a receive error condition has occurred. This output is synchronous
to RX_CLK.
54
TX_ER
I
Transmit Error. Signals a transmit error condition. This signal must be synchronized to
TX_CLK.
52
RX_CLK
O
Receive Clock. 25 MHz for 100Mbps operation, 2.5 MHz for 10Mbps operation. Refer to
“Clock Requirements” on page 20 in the Functional Description section.
62
COL
O
Collision Detected. The LXT972A asserts this output when a collision is detected. This
output remains High for the duration of the collision. This signal is asynchronous and is
inactive during full-duplex operation.
63
CRS
O
Carrier Sense. During half-duplex operation (bit 0.8 = 0), the LXT972A asserts this output
when either transmitting or receiving data packets. During full-duplex operation (bit 0.8 = 1),
CRS is asserted during receive. CRS assertion is asynchronous with respect to RX_CLK.
CRS is de-asserted on loss of carrier, synchronous to RX_CLK.
MII Control Interface Pins
3
MDDIS
I
Management Disable. When MDDIS is High, the MDIO is disabled from read and write
operations.
When MDDIS is Low at power up or reset, the Hardware Control Interface pins control only
the initial or “default” values of their respective register bits. After the power-up/reset cycle
is complete, bit control reverts to the MDIO serial channel.
43
MDC
I
Management Data Clock. Clock for the MDIO serial data channel. Maximum frequency is
8 MHz.
42
MDIO
I/O
Management Data Input/Output. Bidirectional serial data channel for PHY/STA
communication.
64
MDINT
OD
Management Data Interrupt. When bit 18.1 = 1, an active Low output on this pin indicates
status change. Interrupt is cleared by reading Register 19.
1. Type Column Coding: I = Input, O = Output, A = Analog, OD = Open Drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com