Electronic Components Datasheet Search
  English  ▼

X  

LXT972ALC Datasheet(PDF) 39 Page - Intel Corporation

Part # LXT972ALC
Description  3.3V Dual-Speed Fast Ethernet Transceiver Datasheet
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT972ALC Datasheet(HTML) 39 Page - Intel Corporation

Back Button LXT972ALC Datasheet HTML 35Page - Intel Corporation LXT972ALC Datasheet HTML 36Page - Intel Corporation LXT972ALC Datasheet HTML 37Page - Intel Corporation LXT972ALC Datasheet HTML 38Page - Intel Corporation LXT972ALC Datasheet HTML 39Page - Intel Corporation LXT972ALC Datasheet HTML 40Page - Intel Corporation LXT972ALC Datasheet HTML 41Page - Intel Corporation LXT972ALC Datasheet HTML 42Page - Intel Corporation LXT972ALC Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
3.3V Dual-Speed Fast Ethernet Transceiver Datasheet — LXT972A
Datasheet
39
3.10.2
State Machine
The TAP controller is a 16 state machine driven by the TCK and TMS pins. Upon reset the
TEST_LOGIC_RESET state is entered. The state machine is also reset when TMS and TDI are
high for five TCK periods.
3.10.3
Instruction Register
After the state machine resets, the IDCODE instruction is always invoked. The decode logic
ensures the correct data flow to the Data registers according to the current instruction. Valid
instructions are listed in Table 12.
3.10.4
Boundary Scan Register (BSR)
Each Boundary Scan Register (BSR) cell has two stages. A flip-flop and a latch are used for the
serial shift stage and the parallel output stage. There are four modes of operation as listed in Table
11.
Table 11. BSR Mode of Operation
Mode
Description
1
Capture
2Shift
3
Update
4
System Function
Table 12. Supported JTAG Instructions
Name
Code
Description
Mode
Data Register
EXTEST
0000
External Test
Test
BSR
IDCODE
0001
ID Code Inspection
Normal
ID REG
SAMPLE
0010
Sample Boundary
Normal
BSR
TRIBYP
0011
Force Float
Normal
Bypass
SETBYP
0100
Control Boundary to 1/0
Test
Bypass
BYPASS
1111
Bypass Scan
Normal
Bypass
Table 13. Device ID Register
31:28
27:12
11:8
7:1
0
Version
Part ID (hex)
Jedec Continuation Characters
JEDEC ID1
Reserved
0001
03CB
1110
111 1110
1
1. The JEDEC IS is an 8-bit identifier. The MSB is for parity and is ignored. Intel’s JEDEC ID is FE (1111 1110) which becomes
111 1110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com