Electronic Components Datasheet Search
  English  ▼

X  

LXT972ALC Datasheet(PDF) 49 Page - Intel Corporation

Part # LXT972ALC
Description  3.3V Dual-Speed Fast Ethernet Transceiver Datasheet
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT972ALC Datasheet(HTML) 49 Page - Intel Corporation

Back Button LXT972ALC Datasheet HTML 45Page - Intel Corporation LXT972ALC Datasheet HTML 46Page - Intel Corporation LXT972ALC Datasheet HTML 47Page - Intel Corporation LXT972ALC Datasheet HTML 48Page - Intel Corporation LXT972ALC Datasheet HTML 49Page - Intel Corporation LXT972ALC Datasheet HTML 50Page - Intel Corporation LXT972ALC Datasheet HTML 51Page - Intel Corporation LXT972ALC Datasheet HTML 52Page - Intel Corporation LXT972ALC Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
3.3V Dual-Speed Fast Ethernet Transceiver Datasheet — LXT972A
Datasheet
49
Figure 26. 10BASE-T Receive Timing
Table 27. 10BASE-T Receive Timing Parameters
Parameter
Sym
Min
Typ
1
Max
Units2
Test Conditions
RXD, RX_DV, RX_ER Setup to RX_CLK High
t1
10
––
ns
–
RXD, RX_DV, RX_ER Hold from RX_CLK High
t2
10
––
ns
–
TPIP/N in to RXD out (Rx latency)
t3
5.8
–
6.0
BT
–
CRS asserted to RXD, RX_DV, RX_ER
asserted
t4
5
–
32
BT
–
RXD, RX_DV, RX_ER de-asserted to CRS de-
asserted
t5
0.3
–
0.5
BT
–
TPI in to CRS asserted
t6
2
–
28
BT
–
TPI quiet to CRS de-asserted
t7
6
–
10
BT
–
TPI in to COL asserted
t8
1
–
31
BT
–
TPI quiet to COL de-asserted
t9
5
–
10
BT
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. BT is the duration of one bit as transferred to and from the MAC and is the reciprocal of the bit rate. 10BASE-T bit time = 10-
7 s or 100 ns.
RX_CLK
RXD,
RX_DV,
RX_ER
CRS
TPI
t3
t4
t2
t6
t1
t7
t5
COL
t8
t9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com