Electronic Components Datasheet Search
  English  ▼

X  

1044321 Datasheet(PDF) 2 Page - SICK AG

Part # 1044321
Description  2D LASER SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1044321 Datasheet(HTML) 2 Page - SICK AG

  1044321 Datasheet HTML 1Page - SICK AG 1044321 Datasheet HTML 2Page - SICK AG 1044321 Datasheet HTML 3Page - SICK AG 1044321 Datasheet HTML 4Page - SICK AG 1044321 Datasheet HTML 5Page - SICK AG 1044321 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LMS122-10000 Security | LMS1xx
2D LASER SCANNERS
2
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-03-19 03:20:07
Subject to change without notice
Ordering information
Type
Part no.
LMS122-10000 Security
1044322
Other models and accessories
www.sick.com/LMS1xx
Detailed technical data
Features
Field of application
Security, Indoor
Light source
Infrared (905 nm)
Laser class
1 (IEC 60825-1 (2007-3))
Aperture angle
270°
Scanning frequency
25 Hz / 50 Hz
Angular resolution
0.25°
0.5°
Heating
No
Operating range
0.5 m ... 20 m
Max. range with 10 % reflectivity
18 m
Amount of evaluated echoes
2
Fog correction
Yes
Performance
Response time
≥ 20 ms
Detectable object shape
Almost any
Systematic error
± 30 mm 1)
Statistical error
12 mm 1)
Integrated application
Field evaluation with flexible fields, security conform parameterization, Easy Teach lite and pro
Number of field sets
10 fields
Simultaneous evaluation cases
10
1) Typical value; actual value depends on environmental conditions.
Interfaces
Serial (RS-232)
✔
Function AUX
Data transmission rate 9.6 kBaud ... 115.2 kBaud



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com