Electronic Components Datasheet Search
  English  ▼

X  

1044321 Datasheet(PDF) 4 Page - SICK AG

Part # 1044321
Description  2D LASER SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1044321 Datasheet(HTML) 4 Page - SICK AG

  1044321 Datasheet HTML 1Page - SICK AG 1044321 Datasheet HTML 2Page - SICK AG 1044321 Datasheet HTML 3Page - SICK AG 1044321 Datasheet HTML 4Page - SICK AG 1044321 Datasheet HTML 5Page - SICK AG 1044321 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LMS122-10000 Security | LMS1xx
2D LASER SCANNERS
4
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-03-19 03:20:07
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
8 (.31)
19 (.75)
M16
M12
M5 x 7.5 (0.3)
M5 x 7.5 (0.3)
10.5 (.41)
49 (1.93)
105 (4.13)
102 (4.02)
Ø 94 (3.7)
73 (2.87)
Operating range diagram
0
270°
Scanning range in m (ft)
–20
(–65.62)
20
(65.62)
–30
(–98.43)
30
(98.43)
–10
(–32.81)
10
(32.81)
Scanning range in m (ft)
–10
(–32.81)
–20
(–65.62)
10
(32.81)
20
(65.62)
30
(98.43)
–30
(–98.43)
0
Scanning range max. 20 m (65.62 ft)
Scanning range for objects up to
10 % remission 18 m (59.06 ft)
Recommended accessories
Other models and accessories
www.sick.com/LMS1xx
Brief description
Type
Part no.
Mounting brackets and mounting plates



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com