Electronic Components Datasheet Search
  English  ▼

X  

1044321 Datasheet(PDF) 5 Page - SICK AG

Part # 1044321
Description  2D LASER SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1044321 Datasheet(HTML) 5 Page - SICK AG

  1044321 Datasheet HTML 1Page - SICK AG 1044321 Datasheet HTML 2Page - SICK AG 1044321 Datasheet HTML 3Page - SICK AG 1044321 Datasheet HTML 4Page - SICK AG 1044321 Datasheet HTML 5Page - SICK AG 1044321 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LMS122-10000 Security | LMS1xx
2D LASER SCANNERS
2016-03-19 03:20:07 | Online data sheet
Subject to change without notice
DETECTION AND RANGING SOLUTIONS | SICK
5
Brief description
Type
Part no.
1 piece, mounting bracket for rear mounting on wall or machine
Mounting kit 1a
2034324
1 piece, mounting bracket for rear mounting on wall or machine with protection of optics
hood
Mounting kit 1b
2034325
1 piece, mounting bracket, adjustable lateral axis, only in conjunction with mounting kit
1a (2034324) or 1b (2034325)
Mounting kit 2
2039302
1 piece, mounting plate, adjustable longitudinal axis, only in conjunction with mounting
kit 2 (2039302)
Mounting kit 3
2039303
Plug connectors and cables
Head A: cable
Head B: cable
Cable: PVC, unshielded
On 100 m reel
Connecting cable
6030795
Head A: male connector, M12, 4-pin, straight, D-coded
Head B: male connector, RJ45, 8-pin, straight
Cable: Ethernet, drag chain use, PUR, shielded, 5 m
SSL-2J04-G05ME
6034415



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com