Electronic Components Datasheet Search
  English  ▼

X  

1060445 Datasheet(PDF) 2 Page - SICK AG

Part # 1060445
Description  2D LASER SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1060445 Datasheet(HTML) 2 Page - SICK AG

  1060445 Datasheet HTML 1Page - SICK AG 1060445 Datasheet HTML 2Page - SICK AG 1060445 Datasheet HTML 3Page - SICK AG 1060445 Datasheet HTML 4Page - SICK AG 1060445 Datasheet HTML 5Page - SICK AG 1060445 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
TIM551-2050001 | TiM5xx
2D LASER SCANNERS
2
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-03-19 03:20:07
Subject to change without notice
Ordering information
Type
Part no.
TIM551-2050001
1060445
Other models and accessories
www.sick.com/TiM5xx
Detailed technical data
Features
Field of application
Indoor
Light source
Infrared (850 nm)
Laser class
1, eye-safe (EN 60825-1 (2007-10))
Aperture angle
270°
Scanning frequency
15 Hz
Angular resolution
1°
Operating range
0.05 m ... 10 m
Max. range with 10 % reflectivity
8 m
Performance
Response time
Typ. 67 ms
Detectable object shape
Almost any
Systematic error
± 60 mm
Statistical error
± 20 mm
Interfaces
Ethernet
✔
USB
✔, micro USB
Function AUX, parameterization
Switching inputs
0 (PNP)
Switching outputs
1 (PNP, "SYNC"/"device ready")
Optical indicators
2 LEDs (ON, "device ready")
Mechanics/electronics
Electrical connection
1 x “Ethernet” connection, 4-pin M12 female connector
1 x connection “Power/Synchronization output” 5-pin, M12 male connector
1 x Micro USB female connector, type B
Operating voltage
9 V DC ... 28 V DC
Power consumption
3 W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com