Electronic Components Datasheet Search
  English  ▼

X  

1060445 Datasheet(PDF) 3 Page - SICK AG

Part # 1060445
Description  2D LASER SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1060445 Datasheet(HTML) 3 Page - SICK AG

  1060445 Datasheet HTML 1Page - SICK AG 1060445 Datasheet HTML 2Page - SICK AG 1060445 Datasheet HTML 3Page - SICK AG 1060445 Datasheet HTML 4Page - SICK AG 1060445 Datasheet HTML 5Page - SICK AG 1060445 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TIM551-2050001 | TiM5xx
2D LASER SCANNERS
2016-03-19 03:20:07 | Online data sheet
Subject to change without notice
DETECTION AND RANGING SOLUTIONS | SICK
3
Housing color
Gray (RAL 7032)
Enclosure rating
IP 67 (EN 60529/A1:2000-02)
Protection class
III (EN 60950-1/A11 (2009-03))
Weight
250 g, without connecting cables
Dimensions (L x W x H)
60 mm x 60 mm x 86 mm
Ambient data
Object remission
4 % ... > 1,000 % (reflectors)
Electromagnetic compatibility (EMC)
EN 61000-6-3 (2007-01) / EN 61000-6-2 (2005-08)
Vibration resistance
EN 60068-2-6 (2008-02)
Shock resistance
EN 60068-2-27 (2009-05)
Ambient operating temperature
–25 °C ... +50 °C
Storage temperature
–40 °C ... +75 °C
Ambient light immunity
80,000 lx
General notes
Note on use
Not suitable for personnel protection



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com