Electronic Components Datasheet Search
  English  ▼

X  

1060445 Datasheet(PDF) 4 Page - SICK AG

Part # 1060445
Description  2D LASER SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1060445 Datasheet(HTML) 4 Page - SICK AG

  1060445 Datasheet HTML 1Page - SICK AG 1060445 Datasheet HTML 2Page - SICK AG 1060445 Datasheet HTML 3Page - SICK AG 1060445 Datasheet HTML 4Page - SICK AG 1060445 Datasheet HTML 5Page - SICK AG 1060445 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
TIM551-2050001 | TiM5xx
2D LASER SCANNERS
4
DETECTION AND RANGING SOLUTIONS | SICK
Online data sheet | 2016-03-19 03:20:07
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
4
5
3
ß
7
9
à
2
2
225°
‒45°
180°
0°
ä
ã
60 (2.30)
0.7 (0.03)
[68.8 (2.71)]
[76.25 (3.00)]
61 (2.40)
46.71 (1.84)
74.39 (2.93)
17.37
(0.68)
51 (2.01)
30°
90°
6
á
8
â
2
1
Mounting set 1
2 x
51 (2.01)
[Ø 4
.3
(0.1
7)]
①  2 x straight plates with M3 x 4 mm screw (included in delivery)
②  M3 threaded mounting hole, 2.8 mm deep (blind hole thread)
③  Optical hood
④  Receiving range (light inlet)
⑤  Transmission range (light emission)
⑥  Push-button (no function)
⑦  Red and green LED (status displays)
⑧  Swivel connector unit
⑨  Micro USB female connector, type B
⑩  Connection “Power/Synchronization output” 5-pin, M12 male connector
⑪  Marking for the position of the light emission level
⑫  “Ethernet” connection, 4-pin M12 female connector
⑬  Area in which no reflective surfaces are allowed for mounted devices
⑭  Bearing marking to support alignment (90° axis)
⑮  Aperture angle 270° (scanning angle)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com