Electronic Components Datasheet Search
  English  ▼

X  

IQS360 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # IQS360
Description  12 Channel Projected Capacitive Touch & Proximity Controller with Trackpad and Keypad Capability
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS360 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button IQS360 Datasheet HTML 9Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 10Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 11Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 12Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 13Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 14Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 15Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 16Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
IQ Switch
®
ProxSense
® Series
Copyright © Azoteq (Pty) Ltd 2015.
IQS360 Datasheet
Page 13 of 53
All rights reserved.
Revision 1.10
October 2015
value deviation below the Long-Term
Average of the channel on a snap.
The conductive dome must however not
be too big relative to the pitch of the
Rx/Tx sensors, so as to not block the
field lines for the trackpad sensing.
No electrical connection between the
snap-dome and the Rx-Tx must be
made. Usually PCB solder-mask is
adequate. Optimally the sensors are
covered by solder-mask, with the snap-
dome directly above.
The snap-dome overlay must not have
varying air-gaps between itself and the
sensors.
Thus
having
the
overlay
securely fastened to the PCB is ideal. A
variable
air-gap
causes
sporadic
sensing, and gives unreliable data.
5.12 Block 7/5
When using the Reject Touches option
(see Section 5.13), the IQS360 has the
option to set the Block Event on 7 and
more touches instead of 5 or more touches,
by setting the Block 7/5 bit in Register
0x08, Settings byte 3. This feature is
typically used in 4x3 applications, where
the trackpad area is small.
5.13 Reject Touches
When Reject Touches is activated in
Register 0x08, Settings byte 3, the IQS360
will set the block event flag in Register
0x01, byte1 if more than 5 (or 7 depending
on the Block setup) touches is detected at
one time. This allows the user to decide if
XY-data will be used, as 5 or more touches
will be present on the grid, which is often
the result of a flat user finger.
5.14 RX on Multiple
The IQS360 Trackpad charges in Projected
Capacitive mode. The proximity channel
(CH0
will,
however,
charge
in
Self
capacitive mode. By default, the IQS360
will only charge CTRX3 (Rx3) for CH0. It is
possible to set the IQS360 to charge all 4
Rx lines as one distributed Self Capacitive
Electrode. This is achieved by setting the
Rx Multiple bit in Register 0x08, Settings
byte 3.
5.15 Prox Projected
The proximity channel on the IQS360 CH0
can be changed to charge in projected
capacitive mode
1. This is achieved by
setting the “Prox Proj” bit in Register 0x08,
Settings byte 1 (Prox_Settings1). Projected
proximity sensing can be used with a single
Rx or all Rx electrodes. Single Rx is
recommended
for
3x3
trackpads,
with
proximity ring around the trackpad. For
improved distance, a GND ring can be
placed between the Rx ring and trackpad
diamonds on the PCB layout. Rx on
Multiple is recommended for 3x4 trackpads.
5.16 Force Sleep
The IQS360 can be set to hibernate
2, or go
back to low power mode at any time, even
if touches are still present, by setting the
Force Sleep bit in Register 0x08, Settings
byte 1 (Prox_Settings1). This will reseed
CH0, and the IQS360 will go into low
power, and wake up with movement in the
counts larger than the proximity threshold
in any direction.
This mode allows the master to put the
device into a low power state even if a user
finger is still on the trackpad. If a stationary
XY point is sensed by the master, such as
a user resting his finger on the trackpad for
a certain length of time a command is then
sent by the master to the device to enter
hibernation.
If for any reason the master wants to
cancel the Touch Hibernate mode, then it
must perform a ‘force comms’ similar to the
way it does it in EVENT_MODE, by
performing a RDY handshake.
5.17 Relative Data
By default the IQS360 will output Trackpad
data as absolute XY-coordinates. It is
possible to change this output to Relative
Coordinates, but setting the Relative Coord
bit in Register 0x08, Settings byte 3.
1 QFN32 devices only
2 QFN32 devices only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com