Electronic Components Datasheet Search
  English  ▼

X  

IQS360 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # IQS360
Description  12 Channel Projected Capacitive Touch & Proximity Controller with Trackpad and Keypad Capability
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS360 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button IQS360 Datasheet HTML 15Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 16Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 17Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 18Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 19Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 20Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 21Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 22Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
IQ Switch
®
ProxSense
® Series
Copyright © Azoteq (Pty) Ltd 2015.
IQS360 Datasheet
Page 19 of 53
All rights reserved.
Revision 1.10
October 2015
CS_SIZE
1: Size of sampling capacitor.
PROJ_BIAS bits: Adjusts the biasing of
some analogue parameters in the
mutual capacitive operated IC. (Only
applicable in mutual capacitance
mode.)
MULTIPLIER bits.
The base value used for the ATI function
can be implemented in 2 ways:
1. ATI_PARTIAL = 0. ATI automatically
adjusts MULTIPLIER bits to reach a
selected base value
2. Please refer
to Section 5.8 for available base
values.
2. ATI_PARTIAL = 1. The designer can
specify the multiplier settings. These
settings will give a custom base
value from where the compensation
bits
will
be
automatically
implemented to reach the required
target value. The base value is
determined by two sets of multiplier
bits. Sensitivity Multipliers which will
also scale the compensation to
normalise
the
sensitivity
and
Compensation Multipliers to adjust
the gain.
6.6.5 Re-ATI
An automatic re-ATI event will occur if the
CS is outside its re-ATI limits and no event
is present on the applicable channel. The
re-ATI limit or ATI boundary is calculated
as the target value divided by 8. For
example:
-
Target = 512, Re-ATI will occur if CS is
outside 512±64.
A re-ATI event can also be issued by the
host MCU by setting the REDO_ATI bit in
Register
0x08,
Settings
byte
0.
The
1
Changing CS_SIZE if ATI_OFF = 0 will change CS
2
ATI
function
will
use
user
selected
CS_SIZE
and
PROJ_BIAS
(if
applicable)
and
will
only
adjust
the
MULTIPLIER bits to reach the base values.
REDO_ATI bit will clear automatically after
the ATI event was started.
Note: Re-ATI will automatically clear all
proximity, touch, snap and halt status bits.
6.6.6 Reseed
Setting the Reseed bit in Register 0x08,
Settings byte 0, will reseed all LTA filters to
a value of LTAnew = CS + 8. The LTA will
then track the CS value until they are even.
Performing a reseed action on the LTA
filters, will effectively clear any proximity
and/or touch conditions that may have
been established prior to the reseed call.
6.6.7 ATI Band
The user has the option to select the re-ATI
band as 1/8 of the ATI target (default) or ¼
of the ATI target counts by setting the ATI
BAND
bit
in
Register
0x08,
byte
1
(Prox_Settings1).
6.6.8 ATI ERROR
The ATI error bit (read only) in Register
0x01, byte 1 (Sysflags) indicates to the
user
that
the
ATI
targets
where
not
reached. Adjustments of the base values or
ATI BANDs are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com