Electronic Components Datasheet Search
  English  ▼

X  

IQS360 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # IQS360
Description  12 Channel Projected Capacitive Touch & Proximity Controller with Trackpad and Keypad Capability
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS360 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button IQS360 Datasheet HTML 17Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 18Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 19Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 20Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 21Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 22Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 23Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 24Page - List of Unclassifed Manufacturers IQS360 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
IQ Switch
®
ProxSense
® Series
Copyright © Azoteq (Pty) Ltd 2015.
IQS360 Datasheet
Page 21 of 53
All rights reserved.
Revision 1.10
October 2015
S
Start
Control Byte
ACK
Data n
Random Read
S
Stop
NACK
Adr + READ
S
Start
Control Byte
ACK
Address-
command
ACK
Adr + WRITE
7.4 Random Read.I
2C Write
To write settings to the device a Data Write is performed. Here the Address-Command is
always required, followed by the relevant data bytes to write to the device.
DATA WRITE
S
Start
Adr + WRITE
Control Byte
ACK
Address-
Command
ACK
Data n
ACK
S
Stop
ACK
Data n+1
Figure 7.3
I
2C Write.
7.5 End of
Communication
Session / Window
Similar to other Azoteq I
2C devices, to end
the I
2C communication session, a STOP
command
is
given.
When
sending
numerous read and write commands in one
communication cycle, a repeated start
command must be used to stack them
together (since a STOP will jump out of the
communication
window,
which
is
not
desired).
The
STOP
will
then
end
the
communication, and the IQS360 will return
to process a new set of data. Once this is
obtained, the communication window will
again become available (RDY set LOW).
7.6 Event Mode
The IQS360 device can operate in an
event-driven I
2C communication mode (also
called “Event Mode”), with the RDY pin
ONLY indicating a communication window
after a prescribed event has occurred
(except for the Setup Window after POR).
These events include:
Proximity events
Touch events
ATI events
Tracking events
Snap events
Block events
Event Mode can be enabled by setting the
Event Mode bit in Register 0x08, Settings
byte 2.
Note: The device is
also capable of
functioning without a RDY line on a polling
basis.
7.7 RDY Hand-Shake Routine
The master or host MCU has the capability
to force a communication window at any
time, by pulling the RDY line low. The
communication window will open directly
following the current conversion.
7.8 I
2C Specific Commands
7.8.1 Show Reset
The SHOW_RESET bit can be read in
Register
0x01,
byte
0,
to
determine
whether a reset has occurred on the
device. This bit will be set
’1’ after a reset.
The SHOW_RESET bit will be cleared (set
to
’0’) by writing a ’1’ into the ACK_RESET
bit in Register 0x08, Settings byte 1. A
reset will typically take place of a timeout
during communication occurs.
7.8.2 WDT disable
The WDT (watchdog timer) is used to reset
the IC if a problem (for example a voltage
spike) occurs during communication. The
WDT will time-out (and thus reset the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com