Electronic Components Datasheet Search
  English  ▼

X  

TL7702B Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL7702B
Description  Supply voltage Supervisor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7702B Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL7702B Datasheet HTML 5Page - Texas Instruments TL7702B Datasheet HTML 6Page - Texas Instruments TL7702B Datasheet HTML 7Page - Texas Instruments TL7702B Datasheet HTML 8Page - Texas Instruments TL7702B Datasheet HTML 9Page - Texas Instruments TL7702B Datasheet HTML 10Page - Texas Instruments TL7702B Datasheet HTML 11Page - Texas Instruments TL7702B Datasheet HTML 12Page - Texas Instruments TL7702B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Application examples
Supply voltage Supervisor TL77xx Series
5
power-on, short voltage fluctuations do not repetitively reset the system. Delay times of 10 to 20ms or
even up to 500 ms will usually avoid these problems. Owing to an internal limitation of discharge current of
the timing capacitor C
t, there is no upper limit for the size of this capacitor.
3. Application examples
Five versions of this circuit are available:
− TL7705A, TL7705B (V
t = 4.55 V):
Application in TTL-systems and micro-
computer systems which require a 5 volt supply (e.g. TMS7000)
− TL7709A (V
t = 7.6 V):
Application
in
microcomputer
systems
using
the
TMS1XXXNLL.
− TL7712A (V
t = 10.8 V):
Application in CMOS, microprocessor, and memory
circuits with a 12 volt supply.
− TL7715A (V
t = 13.5 V): Application in circuits which operate with a supply voltage
of 15 V, as is found often in analog circuits.
− TL7702A, TL7702B (V
t = 2.5 V):
Application in systems where other supply
voltages are used. The required trigger level my be adjusted with an external
resistor divider at the SENSE input.
Since for most applications the circuits are already adjusted to the appropriate voltage levels, these
devices are easy to use. Figure 5 shows the initialization circuit diagrams for TMS7000 microcomputer
system with supply voltage V
cc = 5 V. The external components required are the decoupling capacitor C
ref
for the reference voltage and the timing capacitor C
t. The outputs of the TL77xx are open collector outputs.
In figure 5 therefore a pull-up resistor is shown at the RESET output to ensure the correct High level.
Figure 5. TL7705A in 5 Volt Microcomputer Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com