Electronic Components Datasheet Search
  English  ▼

X  

TL7702B Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TL7702B
Description  Supply voltage Supervisor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7702B Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL7702B Datasheet HTML 6Page - Texas Instruments TL7702B Datasheet HTML 7Page - Texas Instruments TL7702B Datasheet HTML 8Page - Texas Instruments TL7702B Datasheet HTML 9Page - Texas Instruments TL7702B Datasheet HTML 10Page - Texas Instruments TL7702B Datasheet HTML 11Page - Texas Instruments TL7702B Datasheet HTML 12Page - Texas Instruments TL7702B Datasheet HTML 13Page - Texas Instruments TL7702B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Application examples
6
Literature Number: SLVAE04
Figure 6. Voltage Supervision of a multiple power supply
In larger systems, where several supply voltages are required, it is necessary to supervise all supply
voltages which may cause dangerous conditions in case of power failure. In the circuit diagram of figure 6,
two TL7712A's are used to monitor the positive and the negative 12 volt supplies. Their outputs are fed to
the RESIN input of the TL7705A, which monitors the 5 volt supply. The output of this device provides a
reset signal, which becomes active whenever any one of the three supply voltages fails. A reset signal can
be generated manually via a switch which is connected to the voltage monitor of the positive 12V supply.
When designing a supply voltage monitor the designer has to take care, that when only one of the supply
voltages becomes marginal or fails, a defined reset signal is generated (at least if the main supply voltage
5 V is still available). Therefore the circuit which monitors the 12V supply voltage is supplied by the 5 V
supply. The reset signal of the circuit which monitors the negative supply is fed via a resistor divider to the
base of the transistor BC546, which controls the RESIN input of the TL7705A. The voltage divider is
designed so that a reset is generated even if the negative supply fails totally.
The capacitor which determines the delay of the two circuits which monitors the both 12v supplies, can be
chosen short (in the example shown here it is 0.01
µF). The output of these circuits has only to trigger the
third monitor TL7705A. The final duration of the reset signal will be determined by the capacitor C
t of the
last mentioned circuit.
These supply voltage supervisor circuits were designed to detect supply voltage drops as short as
>300 ns. In figure 7 the minimum pulse width t
dmin at the SENSE input is shown versus the amplitude of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com